Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 71Page - National Semiconductor (TI) CS5535 Datasheet HTML 72Page - National Semiconductor (TI) CS5535 Datasheet HTML 73Page - National Semiconductor (TI) CS5535 Datasheet HTML 74Page - National Semiconductor (TI) CS5535 Datasheet HTML 75Page - National Semiconductor (TI) CS5535 Datasheet HTML 76Page - National Semiconductor (TI) CS5535 Datasheet HTML 77Page - National Semiconductor (TI) CS5535 Datasheet HTML 78Page - National Semiconductor (TI) CS5535 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 555 page
background image
Revision 0.8
75
www.national.com
4.1
GEODELINK INTERFACE UNIT
Many traditional architectures use buses to connect mod-
ules together, usually requiring unique addressing for each
register in every module. This requires that some kind of
house-keeping be done as new modules are designed and
new devices are created from the module set. Module
select signals can be used to create the unique addresses,
but that can get cumbersome and it requires that the mod-
ule selects be sourced from some centralized location.
To alleviate this issue, National developed an internal bus
architecture called GeodeLink. The GeodeLink architecture
connects the internal modules of a device using the data
channels provided by GeodeLink Interface Units (GLIUs).
Using GLIUs, all internal module port addresses are
derived from the distinct port that the module is connected
to. In this way, a module’s Model Specific Registers (MSRs)
do not have unique addresses until a device is defined.
Also, as defined by the GeodeLink architecture, a module’s
port address depends on the location of the module sourc-
ing the cycle, or source module.
The CS5535 incorporates one GLIU into its device archi-
tecture. Except for the configuration registers that are
required for x86 compatibility, all internal registers are
accessed through a Model Specific Register (MSR) set.
MSRs have a 32-bit address space and a 64-bit data
space. The full 64-bit data space is always read or written
when accessed.
4.1.1
GLIU Port Connections
Table 4-1 shows the GeodeLink Devices connected to each
of the seven GLIU ports on CS5535.
4.1.2
Descriptor Summary
Table 4-2 shows the descriptors reserved for each
GeodeLink Device.
Table 4-1. GLIU Port Connections
Port
Number
Device
1
GeodeLink PCI South Bridge (GLPCI_SB)
2
USB Controller #2 (USBC2)
3
ATA-5 Controller (ATAC)
4
Diverse Device (DD)
5
AC97 Audio Controller (ACC)
6
USB Controller #1 (USBC1)
7
GeodeLink Control Processor (GLCP)
Table 4-2. GLIU Descriptors Reserved for GeodeLink Devices
Device
Descriptor Type
# of Descriptors
Usage
USBC1
P2D_BMK
1
Do not hit on keyboard emulation registers.
USBC2
P2D_BMK
1
Do not hit on keyboard emulation registers.
ATAC
IOD_BM
1
For IDE master registers.
IOD_BM
1
Defaults to 1Fxh.
IOD_SC
1
Defaults to 3F6h.
DD
IOD_BM
3
COM ports legacy power management.
IOD_BM
1
For secondary IDE trapping to 17xh.
IOD_SC
1
For secondary IDE trapping to 376h.
IOD_SC
1
Keyboard legacy power management.
IOD_SC
3
LPC ports legacy power management.
IOD_SC
1
Floppy legacy power management.
ACC
P2D_BM
1
For memory space registers.
IOD_BM
1
For I/O space registers.
GLPCI_SB
P2D_BM
1
For master requests to GX2 GLPCI.
Spares
IOD_BM
2
Provides the possibility to virtualize NAND Flash
accesses when the IDE/Flash shared pins are in the ‘IDE
Position’. For the ‘Flash Position’, already dedicated IDE
descriptors can be used to virtualize.
IOD_BM
1
IOD_SC
1
P2D_BM
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com