Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 11Page - National Semiconductor (TI) CS5535 Datasheet HTML 12Page - National Semiconductor (TI) CS5535 Datasheet HTML 13Page - National Semiconductor (TI) CS5535 Datasheet HTML 14Page - National Semiconductor (TI) CS5535 Datasheet HTML 15Page - National Semiconductor (TI) CS5535 Datasheet HTML 16Page - National Semiconductor (TI) CS5535 Datasheet HTML 17Page - National Semiconductor (TI) CS5535 Datasheet HTML 18Page - National Semiconductor (TI) CS5535 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 555 page
background image
Revision 0.8
15
www.national.com
Architecture Overview (Continued)
Versatile input filtering is available for each GPIO input.
Each preliminary input is optionally connected to a digital
filter circuit that is optionally followed by an event counter.
Lastly followed by an edge detector that together provide
eight different ICFs (input conditioning functions), plus an
auto-sense feature for determining the initial condition of
the pin.
1.6.9
Multi-Function General Purpose Timers
This module contains eight Multi-Function General Pur-
pose Timers (MFGPTs), six are in the normal VDD Working
power domain, while the other two are in the Standby
power domain. The timers are very versatile and can be
configured to provide a Watchdog timer (trigger GPIO out-
put, interrupt or reset), perform Pulse Width Modulation
(PWM) or Pulse Density Modulation (PDM), create Blink
(low frequency pulse for LED), generate GPIO outputs, or
act as general purpose timers.
Each MFGPT operates independently and has the follow-
ing features:
• 32 kHz or 14.318 MHz clock selectable by software
(applies to MFGPT0 to MFGPT5, in Working power
domain, only).
• MFGPT6 and MFGPT7, in Standby power domain, use
32 kHz clock.
• Programmable input clock prescaler divisor to divide
input clock by 2i, where i = 0 to 15.
• Provide outputs for generating reset (limited to MFGPT0
to MFGPT5), IRQs, NMI, and ASMIs (indirectly through
PICs).
1.6.10 Flash Interface
The CS5535 has a Flash device interface that supports
popular NOR Flash and inexpensive NAND Flash devices.
This interface is shared with the IDE interface (ATA-5 Con-
troller (ATAC)), using the same balls. NOR or NAND Flash
may co-exist with IDE devices using PIO (Programmed
I/O) mode. The 8-bit interface supports up to four “lanes” of
byte-wide Flash devices through use of four independent
chip selects, and allows for booting from the array. Hard-
ware support is present for SmartMedia-type ECC (Error
Correction Code) calculations, off-loading software from
having to support this task.
All four independent chip selects may be used as general
purpose chip selects to support other ISA-like slave
devices. Up to 1 kB of address space (without external
latches) may be supported using these signals.
1.6.11 Real-Time Clock with CMOS RAM
The CS5535 maintains a real-time clock for system use.
The clock is powered by an external battery and so contin-
ues to keep accurate time even when system power is
removed. The clock can be set to make automatic Daylight
Savings Time changes in the spring and fall without user
intervention. There are separate registers for seconds,
minutes, hours, days (both day of the week and day of the
month), months, and years. Alarms can be set for any time
within the range of these registers, which have a 100-year
capability. The clock uses an external 32 kHz oscillator or
crystal as the timing element.
The same battery that keeps the clock continuously pow-
ered also provides power to a block of 242 bytes of CMOS
RAM, used for storing non-volatile system parameters.
1.6.12 Power Management Controller
The CS5535 has state-of-the-art power management
capabilities designed into every module. Independent clock
controls automatically turn clocks off to sections of the chip
that are not being used, saving considerable power. In
addition, the chip supports full Sleep and Wakeup states
with multiple methods of inducement. A suite of external
signals support power management of devices on the sys-
tem board. Legacy Power Management (PM), Advanced
Power Management (APM), and Advanced Configuration
and Power Interface (ACPI) techniques and requirements
are supported. The GPIO subsystem can be configured to
transmit any of several wakeup events into the system.
The CS5535 is divided into two main power domains:
Working and Standby, plus circuits such as the real-time
clock and CMOS RAM that are battery-backed. Most of the
CS5535 is in the Working power domain, except for
GPIO[31:24] and MFGPT[7:6]. This allows these devices to
be used for wakeup events or output controls.
1.7
GEODELINK INTERFACE UNIT
The GeodeLink Interface Unit (GLIU) makes up the internal
bus derived from the GeodeLink architecture. It has eight
ports, one of which is dedicated to itself, leaving seven for
use by internal GeodeLink devices. Figure 1-1 "Internal
Block Diagram" on page 12 shows this device as the cen-
tral element of the architecture, though its presence is basi-
cally transparent to the end user.
1.8
LOW VOLTAGE DETECT
The Low Voltage Detect (LVD) circuit monitors: Standby I/O
voltage, Standby Core voltage, and Working Core voltage.
Working I/O voltage is not monitored and is assumed to
track with Working Core voltage. The LVD monitors these
voltages to provide Working and Standby power-good sig-
nals (resets) for the respective working and standby power
domains. Additionally, the PMC monitors the working
power-good signal to shut-down and/or re-start the system
as appropriate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com