Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 46Page - National Semiconductor (TI) CS5535 Datasheet HTML 47Page - National Semiconductor (TI) CS5535 Datasheet HTML 48Page - National Semiconductor (TI) CS5535 Datasheet HTML 49Page - National Semiconductor (TI) CS5535 Datasheet HTML 50Page - National Semiconductor (TI) CS5535 Datasheet HTML 51Page - National Semiconductor (TI) CS5535 Datasheet HTML 52Page - National Semiconductor (TI) CS5535 Datasheet HTML 53Page - National Semiconductor (TI) CS5535 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 555 page
background image
www.national.com
50
Revision 0.8
3.0
Global Concepts and Features
3.1
GEODELINK ARCHITECTURE OVERVIEW
The information in this section provides a basic under-
standing of the architecture used to internally connect
GeodeLink Devices. The actual existence of architecture is
generally invisible to the user and the system programmer.
National Semiconductor Core BIOS software provides all
GeodeLink initialization and support, including related
Model Specific Registers (MSRs). Additionally, this soft-
ware provides a Virtual PCI Configuration Space that
abstracts the architecture to industry standard interfaces.
From this interface, all GeodeLink devices appear in one
PCI multi-function configuration space header on the exter-
nal PCI bus.
3.1.1
Introduction
This component is based on the GeodeLink packet archi-
tecture. It consists of a set of GeodeLink Devices (GLDs)
and a GeodeLink Control Processor (GLCP) connected
through the GeodeLink Interface Unit (GLIU).
A simplified view of a GLIU connected with three generic
GLDs is illustrated in Figure 3-1. The following points are
relevant:
• All outputs from a GLD to the GLIU are registered.
• All outputs from the GLIU to a GLD are registered.
Furthermore, there are dedicated output registers for
each GLD.
• GLD inputs from the GLIU need not be registered but
they are buffered at the interface.
• All connections between the GLDs and GLIU are dedi-
cated point-to-point connections with one source and
one load. There are no TRI-STATE buses.
• The GLIU itself is a GLD and is always Port 0.
The GLIU implements the “bus”. Transactions between
GLDs and GLIUs are conducted with packets. The GLIU
accepts request packets from masters and routes them to
slaves. Similarly, slave response packets are routed back
to the master. The bus is non-blocking. Several requests
can be pending but order is guaranteed. Broadcasts are
not allowed. All packets have one source and one destina-
tion.
3.1.2
Routing
The Physical To Device (P2D) descriptors control the rout-
ing of the packets. The descriptors are initialized by soft-
ware at system setup. They establish the address map to
be used by the system. They associate a memory or I/O
address range with a GLIU port.
Figure 3-1. Simplified GLIU with Generic GeodeLink Devices
RO
RO
RO
HS
HS
HS
DO
DO
DO
GLD1
GLD2
GLD3
P2D
ARB
Data
Mux
GLIU
RI
RI
RI
DI
DI
DI
RO - Request Out
DO - Data Out
RI - Request In
DI - Data In
HS - Handshake
P2D - Physical to Device Descriptors
ARB - Arbiter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com