Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 93 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 93 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 89Page - National Semiconductor (TI) CS5535 Datasheet HTML 90Page - National Semiconductor (TI) CS5535 Datasheet HTML 91Page - National Semiconductor (TI) CS5535 Datasheet HTML 92Page - National Semiconductor (TI) CS5535 Datasheet HTML 93Page - National Semiconductor (TI) CS5535 Datasheet HTML 94Page - National Semiconductor (TI) CS5535 Datasheet HTML 95Page - National Semiconductor (TI) CS5535 Datasheet HTML 96Page - National Semiconductor (TI) CS5535 Datasheet HTML 97Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 555 page
background image
Revision 0.8
93
www.national.com
ATAC Functional Description (Continued)
4.4.2.5
UDMA/66 Mode
The ATAC supports UDMA/66. It utilizes the standard IDE
bus master functionality to interface, initiate, and control
the transfer. The UDMA/66 definition also incorporates a
Cyclic Redundancy Checking (CRC) error checking proto-
col to detect errors.
The UDMA/66 protocol requires no extra signal pins on the
IDE connector. The ATAC redefines three standard IDE
control signals when in UDMA/66 mode. These definitions
are shown in Table 4-9.
All other signals on the IDE connector retain their func-
tional definitions during the UDMA/66 operation.
IDE_IOW# is defined as STOP for both read and write
transfers to request to stop a transaction.
IDE_IOR# is redefined as DMARDY# for transferring data
from the IDE device to the ATAC. It is used by the ATAC to
signal when it is ready to transfer data and to add wait
states to the current transaction. The IDE_IOR# signal is
defined as STROBE for transferring data from the ATAC to
the IDE device. It is the data strobe signal driven by the
ATAC on which data is transferred during each rising and
falling edge transition.
IDE_IORDY is redefined as STROBE for transferring data
from the IDE device to the ATAC during a read cycle. It is
the data strobe signal driven by the IDE device on which
data is transferred during each rising and falling edge tran-
sition. IDE_IORDY is defined as DMARDY# during a write
cycle for transferring data from the ATAC to the IDE device.
It is used by the IDE device to signal when it is ready to
transfer data and to add wait states to the current transac-
tion.
UDMA/66 data transfer consists of three phases: a startup
phase, a data transfer phase, and a burst termination
phase.
The IDE device begins the startup phase by asserting
IDE_DREQ. When ready to begin the transfer, the ATAC
asserts IDE_DACK#. When IDE_DACK# is asserted, the
ATAC drives IDE_CS0# and IDE_CS1# asserted, and
IDE_ADDR[2:0] low. For write cycles, the ATAC negates
STOP, waits for the IDE device to assert DMARDY#, and
then drives the first data word and STROBE signal. For
read cycles, the ATAC negates STOP and asserts
DMARDY#. The IDE device then sends the first data word
and asserts STROBE.
The data transfer phase continues the burst transfers with
the ATAC and the IDE via providing data, toggling STROBE
and DMARDY#. IDE_DATA[15:0] is latched by the receiver
on each rising and falling edge of STROBE. The transmit-
ter can pause the burst cycle by holding STROBE high or
low, and resume the burst cycle by again toggling
STROBE. The receiver can pause the burst cycle by negat-
ing DMARDY# and resumes the burst cycle by asserting
DMARDY#.
The current burst cycle can be terminated by either the
transmitter or receiver. A burst cycle must first be paused,
as described above, before it can be terminated. The ATAC
can then stop the burst cycle by asserting STOP, with the
IDE device acknowledging by negating IDE_DREQ. The
transmitter then drives the STROBE signal to a high level.
The ATAC then puts the result of the CRC calculation onto
IDE_DATA[15:0] while de-asserting IDE_DACK#. The IDE
device latches the CRC value on the rising edge of
IDE_DACK#.
The CRC value is used for error checking on UDMA/66
transfers. The CRC value is calculated for all data by both
the ATAC and the IDE device during the UDMA/66 burst
transfer cycles. This result of the CRC calculation is
defined as all data transferred with a valid STROBE edge
while IDE_DACK# is asserted. At the end of the burst
transfer, the ATAC drives the result of the CRC calculation
onto IDE_DATA[15:0], which is then strobed by the de-
assertion of IDE_DACK#. The IDE device compares the
CRC result of the ATAC to its own and reports an error if
there is a mismatch.
The timings for UDMA/66 are programmed into the DMA
control registers:
• Channel 0 Drive 0 DMA (ATAC_CH0D0_DMA) (MSR
51300021h)
• Channel 0 Drive 1 DMA (ATAC_CH0D1_DMA) (MSR
51300023h)
The bit formats for these registers are given in Section
5.4.3 "ATAC Native Registers" on page 258. Note that MSR
51300021h[20] is used to select either MDMA or UDMA
mode. Bit 20 = 0 selects MDMA mode. If bit 20 = 1, then
UDMA/66 mode is selected. Once mode selection is made
using this bit, the remaining DMA registers also operate in
the selected mode.
Also listed in the bit formats are recommended values for
both MDMA modes 0-2 and UDMA/66 modes 0-4. Note
that these values are only recommended settings and are
not 100% tested.
Table 4-9. UDMA/66 Signal Definitions
IDE Channel
Signal
UDMA/66
Read Cycle
UDMA/66
Write Cycle
IDE_IOW#
STOP
STOP
IDE_IOR#
DMARDY#
STROBE
IDE_IORDY
STROBE
DMARDY#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com