Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 88Page - National Semiconductor (TI) CS5535 Datasheet HTML 89Page - National Semiconductor (TI) CS5535 Datasheet HTML 90Page - National Semiconductor (TI) CS5535 Datasheet HTML 91Page - National Semiconductor (TI) CS5535 Datasheet HTML 92Page - National Semiconductor (TI) CS5535 Datasheet HTML 93Page - National Semiconductor (TI) CS5535 Datasheet HTML 94Page - National Semiconductor (TI) CS5535 Datasheet HTML 95Page - National Semiconductor (TI) CS5535 Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 555 page
background image
www.national.com
92
Revision 0.8
ATAC Functional Description (Continued)
4.4.2.3
Physical Region Descriptor Format
Each physical memory region to be transferred is
described by a Physical Region Descriptor (PRD) as illus-
trated in Table 4-8. When the bus master is enabled (Com-
mand register bit 0 = 1), data transfer proceeds until each
PRD in the PRD table has been transferred. The bus mas-
ter does not cache PRDs.
The PRD table consists of two DWORDs. The first DWORD
contains a 32-bit pointer to a buffer to be transferred. This
pointer must be 4-byte aligned. The second DWORD con-
tains the size (16 bits) of the buffer and the EOT (End Of
Table) flag. The size must be in multiples of 1 WORD (2
bytes) or zero (which means a 64 kB transfer). The EOT bit
(bit 31) must be set to indicate the last PRD in the PRD
table.
4.4.2.4
Programming Model
The following steps explain how to initiate and maintain a
bus master transfer between memory and an IDE device:
1)
Software creates a PRD table in system memory.
Each PRD entry is 8 bytes long, consisting of a base
address pointer and buffer size. The maximum data
that can be transferred from a PRD entry is 64 kB. A
PRD table must be aligned on a 4-byte boundary. The
last PRD in a PRD table must have the EOT bit set.
2)
Software loads the starting address of the PRD table
by programming the PRD Table Address register.
3)
Software must fill the buffers pointed to by the PRDs
with IDE data.
4)
Write 1 to the Bus Master Interrupt bit and Bus Master
Error (Status register bits 2 and 1) to clear the bits.
5)
Set the correct direction to the Read or Write Control
bit (Command register bit 3).
Engage the bus master by writing a 1 to the Bus Mas-
ter Control bit (Command register bit 0).
The bus master reads the PRD entry pointed to by the
PRD Table Address register and increments the
address by 08h to point to the next PRD. The transfer
begins.
6)
The bus master transfers data to/from memory
responding to bus master requests from the IDE
device until all PRD entries are serviced.
7)
The IDE device signals an interrupt once its pro-
grammed data count has been transferred.
8)
In response to the interrupt, software resets the Bus
Master Control bit in the Command register. It then
reads the status of the controller and IDE device to
determine if the transfer is successful.
Table 4-8. Physical Region Descriptor Format
DWORD
Byte 3
Byte 2
Byte 1
Byte 0
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
Memory Region Physical Base Address [31:4] (IDE Data Buffer)
0
0
1
Reserved
Size [15:2]
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com