Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 32Page - National Semiconductor (TI) CS5535 Datasheet HTML 33Page - National Semiconductor (TI) CS5535 Datasheet HTML 34Page - National Semiconductor (TI) CS5535 Datasheet HTML 35Page - National Semiconductor (TI) CS5535 Datasheet HTML 36Page - National Semiconductor (TI) CS5535 Datasheet HTML 37Page - National Semiconductor (TI) CS5535 Datasheet HTML 38Page - National Semiconductor (TI) CS5535 Datasheet HTML 39Page - National Semiconductor (TI) CS5535 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 555 page
background image
www.national.com
36
Revision 0.8
Signal Definitions (Continued)
IDE_IOR0#
B13
O
IDE I/O Read. This output is asserted on read accesses to corre-
sponding IDE port addresses.
When in Ultra DMA/33 mode, this signal is redefined:
• IDE_HDMA_RDY - Host DMA Ready for Ultra DMA data-in bursts
• IDE_HDMA_DS - Host DMA Data Strobe for Ultra DMA data-out
bursts
IDE_IOW0#
C13
O
IDE I/O Write. This output is asserted on write accesses to corre-
sponding IDE port addresses.
When in Ultra DMA/33 mode, this signal is redefined:
• IDE_STOP - Stop Ultra DMA data burst
IDE_CS0#
B10
O
IDE Chip Select 0. This chip select signal is used to select the Com-
mand Block registers in IDE Device 0.
IDE_CS1#
C10
O
IDE Chip Select. This chip select signal is used to select the Com-
mand Block registers in IDE Device 1.
IDE_DREQ0
A14
I
DMA Request. The DREQ input is used to request a DMA transfer
from the CS5535. The direction of the transfers are determined by the
IDE_IOR0# and IDE_IOW0# signals.
Note:
Ball A14 is the only ball that changes direction from IDE to
Flash (input when in IDE mode, output when in Flash mode).
If this interface is to be switched between IDE and Flash
modes, then ball A14 needs an external pull-up to keep it high
during IDE mode.
IDE_DACK0#
C12
O
DMA Acknowledge. The DACK# output acknowledges the
IDE_DREQ0 request to initiate DMA transfers.
IDE_RDY0
A13
I
I/O Ready. When de-asserted, this signal extends the transfer cycle
of any host register access when the device is not ready to respond to
the data transfer request.
When in Ultra DMA/33 mode, this signal is redefined:
• IDE_DDMA_DS - Device DMA Data Strobe for Ultra DMA data-in
bursts
• IDE_DDMA_RDY - Device DMA Ready for Ultra DMA data-out
bursts
2.2.3.1
IDE Interface Signals (Continued)
Signal Name
Ball No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com