Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 60Page - National Semiconductor (TI) CS5535 Datasheet HTML 61Page - National Semiconductor (TI) CS5535 Datasheet HTML 62Page - National Semiconductor (TI) CS5535 Datasheet HTML 63Page - National Semiconductor (TI) CS5535 Datasheet HTML 64Page - National Semiconductor (TI) CS5535 Datasheet HTML 65Page - National Semiconductor (TI) CS5535 Datasheet HTML 66Page - National Semiconductor (TI) CS5535 Datasheet HTML 67Page - National Semiconductor (TI) CS5535 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 555 page
background image
www.national.com
64
Revision 0.8
Global Concepts and Features (Continued)
08Ch-08Eh
No Specific Usage
8-bit
Rec
Write LPC and DMA. Read only
DMA.
08Fh
DMA C4 Low Page
8-bit
Rec
Upper addr bits [23:16]
See com-
ment at 080h.
090h-091h
No Specific Usage
---
---
092h
Port A
8-bit
Yes
If kel_porta_en is enabled, then
access Port A; else access LPC.
093h-09Fh
No Specific Usage
---
---
0A0h
PIC Slave - Command/Status
8-bit
Shw$
0A1h
PIC Slave - Command/Status
8-bit
Shw$
0A2h-0BFh
No Specific Usage
8-bit
---
0C0h
Master DMA Address - Channel 4
8-bit
Yes
16-bit values in two transfers.
0C1h
No Specific Usage
8-bit
---
0C2h
Master DMA Counter - Channel 4
8-bit
Yes
16-bit values in two transfers.
0C3h
No Specific Usage
8-bit
---
0C4h
Master DMA Address - Channel 5
8-bit
Yes
16-bit values in two transfers.
0C6h
Master DMA Counter - Channel 5
8-bit
Yes
16-bit values in two transfers.
0C7h
No Specific Usage
8-bit
---
0C8h
Master DMA Address - Channel 6
8-bit
Yes
16-bit values in two transfers.
0CAh
Master DMA Counter - Channel 6
8-bit
Yes
16-bit values in two transfers.
0CBh
No Specific Usage
8-bit
---
0CCh
Master DMA Address - Channel 7
8-bit
Yes
16-bit values in two transfers.
0CDh
No Specific Usage
8-bit
---
0CEh
Master DMA Counter - Channel 7
8-bit
Yes
16-bit values in two transfers.
0CFh
No Specific Usage
8-bit
---
0D0h
Master DMA Command/Status - Channels [7:4]
8-bit
Shw$
0D1h
No Specific Usage
8-bit
---
0D2h
Master DMA Request - Channels [7:4]
8-bit
WO
0D3h
No Specific Usage
8-bit
---
0D4h
Master DMA Mask - Channels [7:4]
8-bit
Yes
0D5h
No Specific Usage
8-bit
---
0D6h
Master DMA Mode - Channels [7:4]
8-bit
Shw@
0D7h
No Specific Usage
8-bit
---
0D8h
Master DMA Clear Pointer - Channels [7:4]
8-bit
WO
0D9h
No Specific Usage
8-bit
---
0DAh
Master DMA Reset - Channels [7:4]
8-bit
WO
0DBh
No Specific Usage
8-bit
---
0DCh
Master DMA Reset Mask - Channels [7:4]
8-bit
WO
0DDh
No Specific Usage
8-bit
---
0DEh
Master DMA General Mask - Channels [7:4]
8-bit
Shw@
0DFh
No Specific Usage
8-bit
---
Table 3-6. Legacy I/O: 000h-4FFh (Continued)
I/O Addr.
Function
Size
R/W
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com