Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 78Page - National Semiconductor (TI) CS5535 Datasheet HTML 79Page - National Semiconductor (TI) CS5535 Datasheet HTML 80Page - National Semiconductor (TI) CS5535 Datasheet HTML 81Page - National Semiconductor (TI) CS5535 Datasheet HTML 82Page - National Semiconductor (TI) CS5535 Datasheet HTML 83Page - National Semiconductor (TI) CS5535 Datasheet HTML 84Page - National Semiconductor (TI) CS5535 Datasheet HTML 85Page - National Semiconductor (TI) CS5535 Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 555 page
background image
ACC Functional Description (Continued)
www.national.com
82
Revision 0.8
4.3.1
Audio Bus Masters
The ACC includes eight bus mastering units (three for
input, five for output). Each bus master corresponds to one
or two slots in the AC Link transfer protocol (see Section
4.3.4.1 "AC Link Serial Interface Protocol" on page 83).
Table 4-4 lists the details for each bus master.
4.3.2
Bus Master Audio Configuration Registers
The bus masters must be programmed by software to con-
figure how they transfer data. This is done using their con-
figuration registers. These registers determine whether the
bus master is active and what parts of memory they have
been assigned to transfer. Status registers allow software
to read back information on the state of the bus masters.
(See Section 5.3.2 "ACC Native Registers" on page 236 for
further details on the Bus Master Audio Configuration reg-
isters.)
4.3.3
AC Link Overview
The AC Link is the interface between the AC97 codec and
the ACC. The interface is AC97 v2.1 compliant. Any AC97
codec that supports Sample Rate Conversion (SRC) can
be used with the ACC. See Intel Corporation’s “Audio
Codec 97” Revision 2.1 component specification for more
details.
The AC Link protocol defines an input and output frame
consisting of 12 “slots” of data. Each slot contains 20 bits,
except slot 0, it contains 16 bits. The SYNC signal is gener-
ated by the ACC and defines the beginning of an input and
an output frame. The serial clock is generated by the AC97
codec. The AC Link is covered in depth in Section 4.3.4.1
"AC Link Serial Interface Protocol" on page 83. It is impor-
tant to note that the AC97 codec has its own set of configu-
ration registers that are separate from the ACC. These
registers are accessible over the serial link. There are reg-
isters in the ACC that provide software with an interface to
the AC97 codec registers. (See Section 5.3.2 "ACC Native
Registers" on page 236 for register descriptions.)
Table 4-4. Audio Bus Master Descriptions
Bus
Master
Size
Direction
AC Link Slot(s)
Channel Description
BM0
32-bit
(16 bits/channel)
Output to codec
3 (left) and 4 (right)
Left and Right Stereo Main Playback
BM1
32-bit
(16 bits/channel)
Input from codec
3 (left) and 4 (right)
Left and Right Stereo Recording
BM2
16-bit
Output to codec
5
Modem Line 1 DAC Output
BM3
16-bit
Input from codec
5
Modem Line 1 ADC Input
BM4
16-bit
Output to codec
6 or 11 (configurable)
Center Channel Playback (slot 6) or
Headset Playback (slot 11)
BM5
16-bit
Input from codec
6 or 11 (configurable)
Microphone Record (slot 6) or
Headset Record (slot 11)
BM6
32-bit
(16 bits/channel)
Output to codec
7 (left) and 8 (right)
Left and Right Surround Playback
BM7
16-bit
Output to codec
9
Low Frequency Effects Playback (LFE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com