Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 16Page - National Semiconductor (TI) CS5535 Datasheet HTML 17Page - National Semiconductor (TI) CS5535 Datasheet HTML 18Page - National Semiconductor (TI) CS5535 Datasheet HTML 19Page - National Semiconductor (TI) CS5535 Datasheet HTML 20Page - National Semiconductor (TI) CS5535 Datasheet HTML 21Page - National Semiconductor (TI) CS5535 Datasheet HTML 22Page - National Semiconductor (TI) CS5535 Datasheet HTML 23Page - National Semiconductor (TI) CS5535 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 555 page
background image
www.national.com
20
Revision 0.8
Signal Definitions (Continued)
Figure 2-2. 208-PBGA Ball Assignment Diagram
Order Number: CS5535-UDC
B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
GPIO11
NC
VBAT
KHZ32I
RST#
TSTM
VCORE
GPIO28
GPIO25
MHZ66
IDE_A0
IDE_A1
IDE_RDY IDE_DQ#
NC
IDE_D1
IDE_D12
NC
VSS_VBAT2 KHZ32O
NC
NC
VIO_VSB
GPIO26
RSTSD#
LVDTST IDE_CS0# IDE_A2
GPIO2
IDE_IOR#
IDE_D0
IDE_D13
IDE_D14
IDE_D4
MHZ14
GPIO7
GPIO10 VSS_VBAT1 WRKG RSTWRK# LVDEN#
GPIO27
GPIO24 IDE_CS1#
NC
IDE_DK0# IDE_IOW# IDE_D15
IDE_D3
IDE_D2
IDE_D11
GPIO9
GPIO6
GPIO5
VIO
VSS
VIO
VSS
VCORE
VIO
VCORE
VSS
VIO
VSS
VIO
IDE_D10
IDE_D5
IDE_D9
GPIO3
GPIO4
GPIO8
VSS
VSS
IDE_D7
IDE_D6
IDE_D8
GPIO15
GPIO13
FTST
VIO
VIO
AVSS_USB
IDE_RST#
AVDD_USB
LPC_DQ# LPC_SQ
GPIO14
VSS
VSS
USB2_2N
NC
USB2_2P
LCP_CLK LPC_A0 LPC_FRM# VCORE
VCORE
USB2_1N
NC
USB2_1P
LPC_A2
LPC_A1
GPIO12
VSS
VSS
AVSS_USB
NC
AVDD_USB
LPC_A3
IRQ13
GPIO1
VCORE
VCORE
USB1_1P
NC
USB1_1N
AC_SIN AC_SOUT AC_SSYNC VSS
VSS
USB1_2P
NC
USB1_2N
AC_CLK
DBUGI
DBUGO
VIO
VIO
AVSS_USB
NC
AVDD_USB
SUSPA#
TCK
TMS
VSS
VSS
USB_PW2E
USB_OC#
MHZ48
TDI
TDO
SUSP#
VIO
VSS
VIO
VSS
VCORE
VIO
VCORE
VSS
VIO
VSS
VIO
AD4
AD7
USB_PW1E
GNT#
GPIO0
NC
AD28
AD26
C/BE3#
AD21
AD18
NC
IRDY#
DEVSEL#
AD15
AD12
AD9
AD2
AD6
AD0
REQ#
NC
AD30
AD27
AD25
AD23
AD20
AD17
C/BE2#
TRDY#
STOP#
AD14
AD11
AD8
AD3
AD5
AD1
AD31
NC
AD29
PCI_CLK
AD24
AD22
AD19
AD16
FRAME#
PAR
C/BE1#
AD13
AD10
C/BE0#
NC
NC
NC
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
CS5535
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
B
Note: Signal names have been abbreviated in this figure due to space constraints.
= GND terminal
= PWR terminal
= Multiplexed signal
B
= BOS (Boot Option Select)
(Top View - Looking Through Package)
Geode™
I/O Companion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com