Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 49Page - National Semiconductor (TI) CS5535 Datasheet HTML 50Page - National Semiconductor (TI) CS5535 Datasheet HTML 51Page - National Semiconductor (TI) CS5535 Datasheet HTML 52Page - National Semiconductor (TI) CS5535 Datasheet HTML 53Page - National Semiconductor (TI) CS5535 Datasheet HTML 54Page - National Semiconductor (TI) CS5535 Datasheet HTML 55Page - National Semiconductor (TI) CS5535 Datasheet HTML 56Page - National Semiconductor (TI) CS5535 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 555 page
background image
Revision 0.8
53
www.national.com
Global Concepts and Features (Continued)
In addition to the “positive” address decode above, each
GLIU has a subtractive port that takes all addresses not
assigned to a specific port. There is always a default sub-
tractive port path to the boot ROM to allow the central pro-
cessor to start executing code from time zero. Thus, from
system reset, there is a default memory address path that
allows the first processor instruction fetch to:
1)
Proceed down through the two GX2 GLIUs;
2)
cross the PCI bus to the CS5535;
3)
proceed down through the CS5535 GLIU to the default
port connected to the DD; and
4)
access the boot device connected to the DD.
3.1.7
Special Cycles and BIZZARO Flag
The BIZZARO flag is used to indicate special cycles and
exceptions to normal packet operation. All special cycles
traverse the GLIU system as I/O packets with the BIZZARO
flag set. The special cycles are:
1)
Interrupt Acknowledge: I/O read from address zero.
2)
Shutdown: I/O write to address zero.
3)
Halt: I/O write to address one.
3.2
CS5535 MSR ADDRESSING
An MSR address consists of the fields shown in Table 3-1.
When a GLIU receives an MSR packet, it routes the packet
to the port specified in Field 0 but shifts address bits
[31:14] to the left by three bits and replaces bits [16:14]
with zero. Thus, Field 1 is moved to Field 0, Field 2 is
moved to Field 1, etc. The address field always remains
unchanged and selects one 64-bit MSR per address value,
that is, the address value 0 accesses one 64-bit register,
the address value 1 accesses one 64-bit register, the
address value 2 accesses one 64-bit register, etc. There
are no MSR byte enables. All 64 bits are always written and
read.
Many CS5535 MSRs are only 32 bits in physical size. In
these cases, interface logic discards the upper 32 bits on
writes and pads the upper 32 bits on reads. Read padding
is undefined. Lastly, CS5535 GLDs only decode enough
bits of the address to select one of N MSRs, where N is the
total number of MSRs in the device. For example, if a GLD
has only 16 MSRs, then the addresses 0x2001, 0x0201,
0x0021, and 0x0x0001 all access MSR number 1, while the
addresses 0x200F, 0x020F, 0x002F, and 0x0x000F all
access MSR number 15.
To access a given GLD, use Table 3-2 "CS5535 MSR
Addresses from GX2 Processor" on page 54. Note the tar-
get device addresses:
GLPCI_SB
5100xxxxh
GLIU
5101xxxxh
USBC2
5120xxxxh
ATAC
5130xxxxh
DD
5140xxxxh
ACC
5150xxxxh
USBC1
5160xxxxh
GLCP
5170xxxxh
The xxxx portion refers to the MSR addresses as they
appear any place within Section 5.0 "Register Descrip-
tions" on page 184. To form a complete MSR address,
“OR” an address provided in a register description section
with the appropriate address above.
Table 3-1. MSR Routing Conventions
Routing
Field 0
Routing
Field 1
Routing
Field 2
Routing
Field 3
Routing
Field 4
Routing
Field 5
Address
Field
Bits
[31:29]
Bits
[28:26]
Bits
[25:23]
Bits
[22:20]
Bits
[19:17]
Bits
[16:14]
Bits
[13:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com