Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CS5535 Datasheet HTML 1Page - National Semiconductor (TI) CS5535 Datasheet HTML 2Page - National Semiconductor (TI) CS5535 Datasheet HTML 3Page - National Semiconductor (TI) CS5535 Datasheet HTML 4Page - National Semiconductor (TI) CS5535 Datasheet HTML 5Page - National Semiconductor (TI) CS5535 Datasheet HTML 6Page - National Semiconductor (TI) CS5535 Datasheet HTML 7Page - National Semiconductor (TI) CS5535 Datasheet HTML 8Page - National Semiconductor (TI) CS5535 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 555 page
background image
Revision 0.8
3
www.national.com
Features (Continued)
Audio Codec 97 (AC97) Controller
■ AC97 specification v2.1 compliant interface to multiple
audio codecs: Serial In, Serial Out, Sync Out, Bit Clock
In
■ Legacy “PC Beep” support
■ Eight-channel buffered GeodeLink mastering interface
■ ASMI and IRQ support
■ Multiple codec support
■ Surround sound support
Diverse Device
■ 82xx Legacy Devices:
— Two 8259A-equivalent PICs:
– Shadow registers allow reading of internal
registers
— One 8254-equivalent PIT
— Two 8237A-equivalent DMA controllers:
– 8-bit DMA supported (only)
— Serial Ports 1 and 2:
– Port 1 is shared with an IR port
– 16550A and 16450 software compatible
– Shadow register support for write-only bit
monitoring
– UART data rates up to 115.2 kbps
■ IR (Infrared) Communication Port:
— Shared with Serial Port 1
— 16550A and 16450 software compatible
— Shadow register support for write-only bit monitoring
— Consumer-IR (TV-Remote) mode
— Data rate up to 115.2 kbps (SIR)
— HP-SIR (same as SIR above)
— Selectable internal or external modulation/demodula-
tion (Sharp-IR)
— ASK-IR option of SHARP-IR
— DASK-IR option of SHARP-IR
— Consumer Remote Control supports RC-5, RC-6,
NEC, RCA, and RECS 80
■ System Management Bus (SMB) Controller:
— Compatible with Intel System Management Bus,
Phillips I2C, and ACCESS.bus
— Bus master and slave operation
■ LPC (Low Pin Count) Port:
— Based on Intel LPC Interface specification v1.0
— Serial IRQ support
— Serial DMA support (8-bit only)
— Boot source typically off external LPC
— Supports firmware hub protocol
— External bus masters not supported
■ General Purpose I/Os (GPIOs):
— Programmable: In, Out, I/O, Open-Drain, Pull-
Up/Down, and Invert
— Parallel bit read and write
— Individual bit access eliminates Read-Modify-Write
cycles
— Input Conditioning Functions (ICF):
– Input debounce/filter
— Input event counter
— Input edge detect
■ Multi-Function General Purpose Timers (MFGPTs):
— Eight MFGPTs - two are multiplexed with GPIOs for
external usage
— Two MFGPTs are powered by Standby power and
can be used as wakeups
— Watchdog timer generates reset, IRQ, ASMI, or NMI
— Pulse Width Modulation (PWM)
— Pulse Density Modulation (PDM)
— Blink
■ Real-Time Clock (RTC) with CMOS RAM:
— Battery backed-up century calendar in days, day of
the week, date of month, months, years and century,
with automatic leap-year adjustment
— Battery backed-up time of day in seconds, minutes,
and hours that allows a 12 or 24 hour format and
adjustments for daylight savings time
— BCD or binary format for time keeping
— DS1287, MC146818, and PC87911 compatibility
— Selective lock mechanisms for the RTC RAM
— Real-time alarm
—VBAT or VSTANDBY power sources with automatic
switching between them
— 242 bytes of battery-backed CMOS RAM in two
banks
■ Power Management Controller:
— ACPI (Advanced Configuration Power Interface)
specification v2.0 compliant timer and register set
— Supports APM (Advanced Power Management) and
Legacy PM
— PME (power management event) from GPIOs and/or
on-chip sources
— Working, Sleep, and Standby states
— Wakeup circuits powered by Standby power rails
while rest of component and system powered off
— Automatic clock-off gating reduces power to inactive
blocks
— Flexible power supply controls including On/Off and
Sleep button inputs
— Generic Sleep output controls
— ACPI-compliant four second fail-safe off
— Low-voltage detect function for battery-powered
applications
— Suspend/Acknowledge handshake with GX2
— System over-temperature support
— Low Voltage Detect (LVD) provides Power On Reset
(POR) as well as continuous voltage monitoring for
automatic system reset on a low voltage condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com