Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 53Page - National Semiconductor (TI) CS5535 Datasheet HTML 54Page - National Semiconductor (TI) CS5535 Datasheet HTML 55Page - National Semiconductor (TI) CS5535 Datasheet HTML 56Page - National Semiconductor (TI) CS5535 Datasheet HTML 57Page - National Semiconductor (TI) CS5535 Datasheet HTML 58Page - National Semiconductor (TI) CS5535 Datasheet HTML 59Page - National Semiconductor (TI) CS5535 Datasheet HTML 60Page - National Semiconductor (TI) CS5535 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 555 page
background image
Revision 0.8
57
www.national.com
Global Concepts and Features (Continued)
3.5
CLOCK CONSIDERATIONS
3.5.1
Clock Domain Definitions
Table 3-3 lists the clock sources and domains.
Table 3-3. CS5535 Clock Sources and Clock Domains
Component Pin
Domain Name
Description
MHZ66_CLK
ATAC_LB
ATAC Local bus and ATAC core
Inverted MHZ66_CLK
(Note 1)
GLIU_GLA
GLIU GLA interface and related logic
GLIU_STAT
GLIU Statistics Counters
GLPCI_GLIU
GLPCI_SB GLIU interface and related logic
USBC2_GLIU
USBC2 GLIU interface and related logic
ATAC_GLIU
ATAC GLIU interface and related logic
DD_GLIU
DD GLIU interface and related logic
ACC_GLIU
ACC GLIU interface and related logic
USBC1_GLIU
USBC1 GLIU interface and related logic
GLCP_GLIU
GLCP GLIU interface and related logic
MHZ66_CLK divided by
two (Note 2)
USBC2_LB
USBC2 Local bus interface and related logic
ACC_LB
ACC Local bus interface and related logic
USBC1_LB
USBC1 Local bus interface and related logic
PCI_CLK
GLPCI_TRNA
GLPCI_SB transaction processing
GLPCI_INTF
GLPCI_SB interface to PCI bus
GLCP_PCI
GLCP PCI related logic
MHZ48_CLK
USBC#2_COR
USBC2 core logic
USBC#1_COR
USBC1 core logic
MHZ48_CLK divided by
two (Note 2)
SMB_COR
System Management Bus core logic
UART1_COR
UART1 core logic
UART2_COR
UART2 core logic
LPC_CLK
DD_LB
DD Local bus interface and related logic; Includes PIC
LPC_COR
LPC Controller core logic
PIT_COR
Programmable Interval Timer core logic
DMA_COR
8237 DMA core logic
AC_CLK
ACC_COR
ACC core logic
MHZ14_CLK (Note 3)
MFGPT_COR_14M
MFGPT core logic14 MHz clock
PMC_SLP
Power Management Controller Sleep logic
PIT_REF
Programmable Interval Timer reference clock
KHZ32_XCI (Note 3)
RTC_COR
RTC core logic
MFGPT_COR_32K
MFGPT core logic 32 kHz clock
MFGPT_COR_32K_S
MFGPT 32kHz clock source; Standby power domain
PMC_STB
Power Management Controller Standby logic; Standby power domain
GPIO_COR
GPIO core logic
GPIO_COR_S
GPIO core logic; Standby power domain
TCK (Note 3)
TAP_CNTRL
JTAG TAP Controller clock source
(Note 4)
GLCP_DBG
GLCP debug logic
Note 1.
The MHZ66_CLK is first inverted and then fed to all these domains.
Note 2.
Each domain receives the referenced clock and performs the divide just before the CCU.
Note 3.
This clock differs from other clocks in this table in that this clock does not utilize a CCU nor is it subject to GLCP control or power
management control.
Note 4.
This logic does not have a fixed clock source. During debug it is switched to the clock domain of interest. It does have a CCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com