Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 180 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 180 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 176Page - National Semiconductor (TI) CS5535 Datasheet HTML 177Page - National Semiconductor (TI) CS5535 Datasheet HTML 178Page - National Semiconductor (TI) CS5535 Datasheet HTML 179Page - National Semiconductor (TI) CS5535 Datasheet HTML 180Page - National Semiconductor (TI) CS5535 Datasheet HTML 181Page - National Semiconductor (TI) CS5535 Datasheet HTML 182Page - National Semiconductor (TI) CS5535 Datasheet HTML 183Page - National Semiconductor (TI) CS5535 Datasheet HTML 184Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 555 page
background image
www.national.com
180
Revision 0.8
TAP Controller Functional Description (Continued)
Table 4-39. TAP Controller Instruction Bits
Bit
Name
Description
23
TAPSCAN
TAP Scan. (Also USER[6].) This is a user bit added by National. Low indicates that an
internal scan chain will be accessed by the TAP.
22:17
USER[5:0]
User Bits 5 through 0. User bits used to identify an internal scan chain or, if bit 23 is
high, to access a special internal DR.
16
bistEnable[3]
BIST Enable Bit 3. Works in conjunction with bits [9:7]. See bits [9:7] description for
decode.
15:10
RSVD
Reserved. Should always be high.
9:7
bistEnable[2:0]
BIST Enable Bits 2 through 0. Works in conjunction with bit 16.
0000:
bistEn12
0010:
bistEn11
0100:
bistEn10
0110:
bistEn9
0001:
bistEn8
0011:
bistEn7
0101:
bistEn6
0111:
bistEn5
1000:
bistEn4
1010:
bistEn3
1100:
bistEn2
1110:
bistEn1
1011:
bistEn0
1001:
Does nothing [normally used for logic BIST]
1101:
Parallel scan
1111:
Scan through TAP
6
RSVD
Reserved. Should always be high.
5
forceDis
Force Disable. Active low bit that places all output pins in TRI-STATE mode. See
TRISTATE for details.
4
selectJtagOut
Select JTAG Output. Active low bit that allows boundary scan cells to control pads.
3
selectJtagIn
Select JTAG Output. Active low bit that allows boundary scan cells to drive data into
core logic of chip.
2:0
OP[2:0]
Operation Bits 2 through 0. Selects for how the JTAG chains are wired together.
000:
TDI -> Boundary Scan -> TDO
001:
TDI -> Boundary Scan -> Internal Scan -> Device ID -> Bypass -> TDO
010:
TDI -> Internal Scan -> TDO
011:
TDI -> Boundary Scan -> Internal Scan -> Device ID -> Bypass -> TDO
100:
TDI -> Internal Scan -> TDO
101:
TDI -> Internal Data Register -> TDO
110:
TDI -> Device ID -> TDO
111:
TDI -> Bypass -> TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com