Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 185 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 185 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 181Page - National Semiconductor (TI) CS5535 Datasheet HTML 182Page - National Semiconductor (TI) CS5535 Datasheet HTML 183Page - National Semiconductor (TI) CS5535 Datasheet HTML 184Page - National Semiconductor (TI) CS5535 Datasheet HTML 185Page - National Semiconductor (TI) CS5535 Datasheet HTML 186Page - National Semiconductor (TI) CS5535 Datasheet HTML 187Page - National Semiconductor (TI) CS5535 Datasheet HTML 188Page - National Semiconductor (TI) CS5535 Datasheet HTML 189Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 555 page
background image
Revision 0.8
185
www.national.com
Register Descriptions (Continued)
Direct Memory Access (DMA)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions. (Shared with DIVIL.)
• DMA Specific MSRs: Accessed via RDMSR and
WRMSR instructions.
• DMA Native Registers: Accessed as I/O Addresses.
Low Pin Count (LPC)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions. (Shared with DIVIL.)
• LPC Specific MSRs: Accessed via RDMSR and
WRMSR instructions.
Real-Time Clock (RTC)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions. (Shared with DIVIL.)
• RTC Specific MSRs: Accessed via RDMSR and
WRMSR instructions.
• RTC Native Registers: Accessed as I/O addresses.
General Purpose Input Output (GPIO)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions. (Shared with DIVIL.)
• GPIO Native Registers: Accessed via a base address
register, MSR_LBAR_GPIO (MSR 5140000Ch), as I/O
offsets.
– GPIO Low/High Bank Feature Bit Registers
– GPIO Input Conditioning Function Registers
– GPIO Interrupt and PME Registers
Multi-Function General Purpose Timer (MFGPT)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions. (Shared with DIVIL.)
• MFGPT Specific MSRs: Accessed via RDMSR and
WRMSR instructions.
• MFGPT Native Registers: Accessed via a base address
register, MSR_LBAR_MFGPT (MSR 5140000Dh), as
I/O offsets.
Power Management Controller (PMC)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions. (Shared with DIVIL.)
• PMC Specific MSRs: Accessed via RDMSR and
WRMSR instructions.
• ACPI Registers: Accessed via a base address register,
MSR_LBAR_ACPI (MSR 5140000Eh), as I/O offsets.
• PM Support Registers: Accessed via a base address
register, MSR_LBAR_PMS (MSR 5140000Fh), as I/O
offsets.
Flash Controller
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions. (Shared with DIVIL.)
• Flash Controller Specific MSRs: Accessed via RDMSR
and WRMSR instructions.
• Flash Controller Native Registers: Accessed via a base
address register as either memory or I/O offsets:
— MSR_LBAR_FLSH0 (MSR 51400010h) for use with
FLASH_CS0#.
— MSR_LBAR_FLSH1 (MSR 51400011h) for use with
FLASH_CS1#.
— MSR_LBAR_FLSH2 (MSR 51400012h) for use with
FLASH_CS2#.
— MSR_LBAR_FLSH3 (MSR 51400013h) for use with
FLASH_CS3#.
GeodeLink Control Processor (GLCP)
• Standard GeodeLink Device MSRs: Accessed via
RDMSR and WRMSR instructions.
• GLCP Specific MSRs: Accessed via RDMSR and
WRMSR instructions.
Note that MSRs for the Floppy Port, PIT, PIC, KEL, SMB,
UART, DMA, LPC, RTC, GPIO, MFGPT, and Flash Control-
ler modules are part of the DIVIL (i.e., MSR 51400000h-
514000FFh). Hence, the Standard GeodeLink Device
MSRs (MSR 51400000h-51400007h) are documented in
the DIVIL register description and the device Specific
MSRs are documented in their appropriate register
description chapter.
The tables in this chapter use the following abbreviations:
Type
Description
R/W
Read/Write.
R
Read from a specific address returns the
value of a specific register.
Write to the same address is to a different
register.
WWrite.
RO
Read Only.
WO
Write Only.
R/W1C
Read/Write 1 to clear. Writing 1 to a bit
clears it to 0. Writing 0 has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com