Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 436 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 436 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 432Page - National Semiconductor (TI) CS5535 Datasheet HTML 433Page - National Semiconductor (TI) CS5535 Datasheet HTML 434Page - National Semiconductor (TI) CS5535 Datasheet HTML 435Page - National Semiconductor (TI) CS5535 Datasheet HTML 436Page - National Semiconductor (TI) CS5535 Datasheet HTML 437Page - National Semiconductor (TI) CS5535 Datasheet HTML 438Page - National Semiconductor (TI) CS5535 Datasheet HTML 439Page - National Semiconductor (TI) CS5535 Datasheet HTML 440Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 555 page
background image
www.national.com
436
Revision 0.8
GPIO Subsystem Register Descriptions (Continued)
5.16.1 Atomic Bit Programming Model
The registers in Section 5.16.2 "GPIO Low/High Bank Feature Bit Registers", starting on page 438, that are referred to as
“atomic” all follow the same programming model (i.e., work exactly the same way) but each controls a different GPIO fea-
ture. Two data bits are used to control each GPIO Feature bit, each pair of bits operate in an exclusive-OR pattern. Refer to
Section 4.15.2 "Register Strategy" on page 148 for further details.
The Low Bank registers control programming of GPIO15 through GPIO0 and the High Bank registers program GPIO31
through GPIO16. The tables that follow provide the register/bit formats for the Low and High Bank GPIO feature configura-
tion registers.
Note:
All register bits dealing with GPIO31, GPIO30, GPIO29 and GPIO23 are Reserved .
Table 5-60. Low Bank Atomic Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
Table 5-61. Low Bank Atomic Bit Descriptions
Bit
Name
Description
31,15
GPIO15
GPIO15 Feature.
00: No change.
01: Feature bit = 1.
10: Feature bit = 0.
11: No change.
30,14
GPIO14
GPIO14 Feature. See bits [31,15] for decode.
29,13
GPIO13
GPIO13 Feature. See bits [31,15] for decode.
28,12
GPIO12
GPIO12 Feature. See bits [31,15] for decode.
27,11
GPIO11
GPIO11 Feature. See bits [31,15] for decode.
26,10
GPIO10
GPIO10 Feature. See bits [31,15] for decode.
25,9
GPIO9
GPIO9 Feature. See bits [31,15] for decode.
24,8
GPIO8
GPIO8 Feature. See bits [31,15] for decode.
23,7
GPIO7
GPIO7 Feature. See bits [31,15] for decode.
22,6
GPIO6
GPIO6 Feature. See bits [31,15] for decode.
21,5
GPIO5
GPIO5 Feature. See bits [31,15] for decode.
20,4
GPIO4
GPIO4 Feature. See bits [31,15] for decode.
19,3
GPIO3
GPIO3 Feature. See bits [31,15] for decode.
18,2
GPIO2
GPIO2 Feature. See bits [31,15] for decode.
17,1
GPIO1
GPIO1 Feature. See bits [31,15] for decode.
16,0
GPIO0
GPIO0 Feature. See bits [31,15] for decode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com