Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 516 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 516 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 512Page - National Semiconductor (TI) CS5535 Datasheet HTML 513Page - National Semiconductor (TI) CS5535 Datasheet HTML 514Page - National Semiconductor (TI) CS5535 Datasheet HTML 515Page - National Semiconductor (TI) CS5535 Datasheet HTML 516Page - National Semiconductor (TI) CS5535 Datasheet HTML 517Page - National Semiconductor (TI) CS5535 Datasheet HTML 518Page - National Semiconductor (TI) CS5535 Datasheet HTML 519Page - National Semiconductor (TI) CS5535 Datasheet HTML 520Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 555 page
background image
www.national.com
516
Revision 0.8
GLCP Register Descriptions (Continued)
5.20.1.5
GeodeLink Device Power Management MSR (GLCP_GLD_MSR_PM)
GLCP_GLD_MSR_ERROR Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
GLCP_GLD_MSR_ERROR Bit Descriptions
Bit
Name
Description
63:34
RSVD
Reserved.Reads as 0.
33
SIZE_ERR_FLAG
Size Error Flag. The GLIU interface detected a read or write of more than 1 data
packet (size = 16 or 32 bytes). If a response packet is expected, the EXCEP bit of the
response packet will be set; in all cases the asynchronous error signal will be set.
Write 1 to clear; writing 0 has no effect.
32
UNEXP_TYPE_
ERR_FLAG
Unexpected Type Error Flag. An unexpected type was sent to the GLCP GeodeLink
interface (start request with BEX type, snoop, peek_write, debug_req, or NULL type).
If a response packet is expected, the EXCEP bit of the response packet will be set; in
all cases the asynchronous error signal will be set. Write 1 to clear; writing 0 has no
effect.
31:2
RSVD
Reserved.Reads as 0.
1
SIZE_ERR_EN
Size Error Enable. Write 0 to enable the flag (bit 33) and allow the size error event to
generate an asynchronous error to the system.
0
UNEXP_TYPE_
ERR_EN
Unexpected Type Error Enable. Write 0 to enable the flag (bit 32) and allow the
unexpected type event to generate an asynchronous error to the system.
MSR Address
51700004h
Type
R/W
Reset Value
00000000_00000000h
GLCP_GLD_MSR_PM Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
P
MODE1
P
MODE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com