Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 549 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 549 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 545Page - National Semiconductor (TI) CS5535 Datasheet HTML 546Page - National Semiconductor (TI) CS5535 Datasheet HTML 547Page - National Semiconductor (TI) CS5535 Datasheet HTML 548Page - National Semiconductor (TI) CS5535 Datasheet HTML 549Page - National Semiconductor (TI) CS5535 Datasheet HTML 550Page - National Semiconductor (TI) CS5535 Datasheet HTML 551Page - National Semiconductor (TI) CS5535 Datasheet HTML 552Page - National Semiconductor (TI) CS5535 Datasheet HTML 553Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 555 page
background image
Revision 0.8
549
www.national.com
Electrical Specifications (Continued)
6.3.14 MFGPT Signaling
The MFGPT signals detailed in this sub-section use vari-
ous types of buffers depending upon chip configuration. For
a detailed explanation of buffer types, see Table 2-4 "Buffer
Type Characteristics" on page 28.
In this subsection, unless otherwise noted:
• All timing specifications are specified under the oper-
ating conditions listed in Table 6-3 on page 526 (i.e.,
VCORE and VCORE_VSB = All; VIO and VIO_VSB = All;
TCASE = All).
• MFGPT signals are referenced to KHZ32_XCI or
MHZ14_CLK depending on MFGPT clock configuration.
Use low-to-high edge if MHZ14_CLK; use high-to-low
edge if KHZ32_XCI. MFGPT7 supports KHZ32_XCI
only.
• MFPGT signal parameters are defined in Figure 6-2 "AC
Reference Timing and Test Definition" on page 530.
Table 6-22. MFGPT Signaling
Signal
Parameter
Min
Max
Units
Comment/Condition
Inputs:
MFGPT0 (GPIO6)
MFGPT1 (GPIO5)
MFGPT2 (GPIO21)
MFGPT7 (GPIO26)
Async Input
NA
NA
ns
No clock reference.
Restarts the MFGPT.
Note 1 and Note 2.
Outputs:
MFGPT0_C1 (GPIO5)
MFGPT1_C1 (GPIO6)
MFGPT2_C1 (GPIO7)
MFGPT7_C1 (GPIO27)
tVAL if MHZ14_CLK
2
12
ns
Note 2, Note 3, and Note 4.
tVAL if KHZ32_XCI
5
20
ns
Outputs:
MFGPT0_C2 (GPIO1)
MFGPT1_C2 (GPIO11)
MFGPT2_C2 (GPIO6)
MFGPT7_C2 (GPIO25)
tVAL if MHZ14_CLK
2
12
ns
Note 2, Note 3, and Note 5.
tVAL if KHZ32_XCI
5
20
ns
Note 1. GPIO configured: Input Enable and AUX_IN = 1; Output Enable,
AUX_OUT_1, and AUX_OUT_2 = 0.
Note 2. PIN_OPT_LALL = 0 in Table 2-6 "DIVIL_BALL_OPT" on page 29.
Note 3. tVAL min times with load of: 10 pF cap to ground.
tVAL max times with load of: 50 pF cap to ground.
Note 4. GPIO configured: AUX_IN, Input Enable = 0; Output Enable = 1; Open-drain = 0;
AUX_OUT_1 =1; AUX_OUT_2 = 0.
Note 5. GPIO configured: AUX_IN, Input Enable = 0; Output Enable = 1; Open-drain = 0;
AUX_OUT_1 = 0; AUX_OUT_2 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com