Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 103 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 103 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 99Page - National Semiconductor (TI) CS5535 Datasheet HTML 100Page - National Semiconductor (TI) CS5535 Datasheet HTML 101Page - National Semiconductor (TI) CS5535 Datasheet HTML 102Page - National Semiconductor (TI) CS5535 Datasheet HTML 103Page - National Semiconductor (TI) CS5535 Datasheet HTML 104Page - National Semiconductor (TI) CS5535 Datasheet HTML 105Page - National Semiconductor (TI) CS5535 Datasheet HTML 106Page - National Semiconductor (TI) CS5535 Datasheet HTML 107Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 555 page
background image
Revision 0.8
103
www.national.com
4.8
PROGRAMMABLE INTERRUPT CONTROL
The Programmable Interrupt Control subsystem (PIC) is
illustrated in Figure 4-18. The major modules are the Map-
per and Masks (MM), Extended PIC (XPIC), and Legacy
8259A PIC (LPIC).
Features
• Two x86 compatible 8259As
• 15-Level Priority Controller
• Programmable Interrupt Modes
• Individual Request Mask Capability
• Individual Edge/Level Controls
• Complete 8259A state read back via shadow registers
• Mapper routes 62 inputs to 15 legacy interrupts and one
Asynchronous System Management Interrupt (ASMI)
• All 62 inputs individually maskable and status readable
(MSRs
51400020h-51400027h or PIC I/O Offsets 00h-
1Ch, see Section 5.9.1 on page 333)
4.8.1
Mapper and Masks
This block maps and masks up to 62 interrupt sources to
60 discrete Extended PIC (XPIC) inputs. The sources are
organized into four groups:
1)
15 Primary pre-defined inputs (see Table 4-12)
2)
15 LPC inputs pre-defined (see Table 4-12)
3)
16 Unrestricted Y inputs (see Table 4-13)
4)
16 Unrestricted Z inputs (see Table 4-14)
The outputs are organized into 16 groups of four signals
each, except groups 0 and 2; they have two signals each.
Each group is called an Interrupt Group (IG). Each pre-
defined input is mapped to a specific IG. Each unrestricted
input can be mapped to any IG except IG0. Regardless of
mapping, any interrupt source can be masked to prevent
participation in the interrupt process. Once the input to out-
put map is established along with the mask values, signal
flow from input to output is always completely combina-
tional.
Figure 4-18. PIC Subsystem
Primary Input 0
Primary Input 1
Primary Input 3
Primary Input 4
Primary Input 15
LPC Input 0
LPC Input 1
LPC Input 3
LPC Input 4
LPC Input 15
Unrestricted Y Input 0
Unrestricted Y Input 1
Unrestricted Y Input 2
Unrestricted Y Input 3
Unrestricted Y Input 15
Unrestricted Z Input 0
Unrestricted Z Input 1
Unrestricted Z Input 2
Unrestricted Z Input 3
Unrestricted Z Input 15
Mapper
and
Masks
(MM)
IG0 (Note)
IG1
IG2 (Note)
IG3
IG4
IG5
IG6
IG7
IG8
IG9
IG10
IG11
IG12
IG13
IG14
IG15
IRQ0
IRQ1
(IRQ2)
IRQ3
IRQ4
IRQ5
IRQ6
IRQ7
IRQ8
IRQ9
IRQ10
IRQ11
IRQ12
IRQ13
IRQ14
IRQ15
Extended
PIC
(XPIC)
Legacy
8259A
PICs
(LPIC)
ASMI
INTR
:
:
:
:
Note:
The outputs are organized into 16 groups of four signals each, except IG0 and IG2; they have two signals each.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com