Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 120 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 120 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 116Page - National Semiconductor (TI) CS5535 Datasheet HTML 117Page - National Semiconductor (TI) CS5535 Datasheet HTML 118Page - National Semiconductor (TI) CS5535 Datasheet HTML 119Page - National Semiconductor (TI) CS5535 Datasheet HTML 120Page - National Semiconductor (TI) CS5535 Datasheet HTML 121Page - National Semiconductor (TI) CS5535 Datasheet HTML 122Page - National Semiconductor (TI) CS5535 Datasheet HTML 123Page - National Semiconductor (TI) CS5535 Datasheet HTML 124Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 555 page
background image
www.national.com
120
Revision 0.8
SMB Controller Functional Description (Continued)
3)
If SMBCTL1.STASTRE is set and the transaction was
successfully completed (i.e., both SMBST.BER and
SMBST.NEGACK are cleared), the STASTR bit is set.
In this case, the SMB Controller stalls any further bus
operations (i.e., holds SCL low). If SMBCTL1.INTEN is
set, it also sends an interrupt request to the host.
4)
If the requested direction is transmit and the START
transaction was completed successfully (i.e., neither
SMBST.NEGACK nor SMBST.BER is set, and no
other master has arbitrated the bus), SMBST.SDAST
is set to indicate that the SMB Controller awaits atten-
tion.
5)
If the requested direction is receive, the START trans-
action
was
completed
successfully
and
SMBCTL1.STASTRE is cleared, the SMB Controller
starts receiving the first byte automatically.
6)
Check that both SMBST.BER and SMBST.NEGACK
are cleared. If SMBCTL1.INTEN is set, an interrupt is
generated
when
either
SMBST.BER
or
SMBST.NEGACK is set.
Master Transmit
After becoming the bus master, the device can start trans-
mitting data on the bus.
To transmit a byte in an interrupt or polling controlled oper-
ation, the software should:
1)
Check that both SMBST.BER and SMBST.NEGACK
are cleared, and that SMBST.SDAST is set. If
SMBCTL1.STASTRE is set, also check that the
SMBST.STASTR is cleared (and clear it if required).
2)
Write the data byte to be transmitted to SMBSDA.
When either SMBST.NEGACK or SMBST.BER is set, an
interrupt is generated. When the slave responds with a
negative
acknowledge,
SMBST.NEGACK
is
set
and
SMBST.SDAST
remains
cleared.
In
this
case,
if
SMBCTL1.INTEN is set, an interrupt is issued.
Master Receive
After becoming the bus master, the device can start receiv-
ing data on the bus.
To receive a byte in an interrupt or polling operation, the
software should:
1)
Check
that
SMBST.SDAST
is
set
and
that
SMBST.BER is cleared. If SMBCTL1.STASTRE is set,
also check that SMBST.STASTR is cleared (and clear
it if required).
2)
Set SMBCTL1.ACK, if the next byte is the last byte that
should be read. This causes a negative acknowledge
to be sent.
3)
Read the data byte from SMBSDA.
Before receiving the last byte of data, set SMBCTL1.ACK.
Before generating a STOP condition or generating a
repeated START condition, it is necessary to perform an
SDA read and clear the SMBST.SDAST bit.
Master STOP
To end a transaction, set SMBCTL1.STOP before clearing
the current stall flag (i.e., the SDAST, NEGACK, or
STASTR bit of SMBST). This causes the SMB to send a
STOP
condition
immediately,
and
to
clear
SMBCTL1.STOP. A STOP condition may be issued only
when the device is the active bus master (SMBST.MAS-
TER is set).
Master Bus Stall
The SMB Controller can stall the bus between transfers
while waiting for the host response. The bus is stalled by
holding the SCL signal low after the acknowledge cycle.
Note that this is interpreted as the beginning of the follow-
ing bus operation. The user must make sure that the next
operation is prepared before the flag that causes the bus
stall is cleared.
The flags that can cause a bus stall in master mode are:
• Negative acknowledge after sending a byte
(SMBST.NEGACK = 1).
• SMBST.SDAST bit is set.
• SMBCTL1.STASTRE = 1, after a successful START
(SMBST.STASTR = 1).
Repeated START
A repeated START is performed when the device is already
the bus master (SMBST.MASTER is set). In this case, the
bus is stalled and the SMB Controller awaits host handling
due to: negative acknowledge (SMBST.NEGACK = 1),
empty buffer (SMBST.SDAST = 1), and/or a stall after
START (SMBST.STASTR = 1).
For a repeated START:
1)
Set (1) SMBCTL1.START.
2)
In master receive mode, read the last data item from
SMBSDA.
3)
Follow the address send sequence, as described in
“Write the address byte (7-bit target device address)
and the direction bit to SMBSDA. This causes the
SMB Controller to generate a transaction. At the end
of this transaction, the acknowledge bit received is
copied to SMBST.NEGACK. During the transaction,
the SDA and SCL lines are continuously checked for
conflict with other devices. If a conflict is detected, the
transaction is aborted, SMBST.BER is set, and
SMBST.MASTER is cleared.
4)
If the SMB Controller was awaiting handling due to
SMBST.STASTR = 1, clear it only after writing the
requested address and direction to SMBSDA.
Master Error Detection
The SMB Controller detects illegal START or STOP condi-
tions (i.e., a START or STOP condition within the data
transfer, or the acknowledge cycle) and a conflict on the
data lines of the bus. If an illegal condition is detected,
SMBST.BER
is
set
and
master
mode
is
exited
(SMBST.MASTER is cleared).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com