Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 63Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 64Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 65Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 66Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 67Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 68Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 69Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 70Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
67
AT83SND2CMP3
7524B–MP3–05/06
Serial I/O Port
The serial I/O port in the AT83SND2CMP3 provides both synchronous and asynchro-
nous communication modes. It operates as a Synchronous Receiver and Transmitter in
one single mode (Mode 0) and operates as an Universal Asynchronous Receiver and
Transmitter (UART) in three full-duplex modes (Modes 1, 2 and 3). Asynchronous
modes support framing error detection and multiprocessor communication with auto-
matic address recognition.
Mode Selection
SM0 and SM1 bits in SCON register are used to select a mode among the single syn-
chronous and the three asynchronous modes according to Table 55.
Table 55.
Serial I/O Port Mode Selection
Baud Rate Generator
Depending on the mode and the source selection, the baud rate can be generated from
either the Timer 1 or the Internal Baud Rate Generator. The Timer 1 can be used in
Modes 1 and 3 while the Internal Baud Rate Generator can be used in Modes 0, 1
and 3.
The addition of the Internal Baud Rate Generator allows freeing of the Timer 1 for other
purposes in the application. It is highly recommended to use the Internal Baud Rate
Generator as it allows higher and more accurate baud rates than Timer 1.
Baud rate formulas depend on the modes selected and are given in the following mode
sections.
Timer 1
When using Timer 1, the Baud Rate is derived from the overflow of the timer. As shown
in Figure 57 Timer 1 is used in its 8-bit auto-reload mode (detailed in Section "Mode 2
(8-bit Timer with Auto-Reload)", page 53). SMOD1 bit in PCON register allows doubling
of the generated baud rate.
Figure 57.
Timer 1 Baud Rate Generator Block Diagram
SM0
SM1
Mode
Description
Baud Rate
0
0
0
Synchronous Shift Register
Fixed/Variable
0
1
1
8-bit UART
Variable
10
2
9-bit UART
Fixed
1
1
3
9-bit UART
Variable
TR1
TCON.6
0
1
GATE1
TMOD.7
Overflow
C/T1#
TMOD.6
TL1
(8 bits)
TH1
(8 bits)
INT1
T1
PER
CLOCK
÷ 6
0
1
SMOD1
PCON.7
÷ 2
T1
CLOCK
To serial
Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com