Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 56Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 57Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 58Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 59Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 60Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 61Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 62Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 63Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 97 page
background image
60
AT83SND2CMP3
7524B–MP3–05/06
Data Line Controller
The data line controller is based on a 16-Byte FIFO used both by the data transmitter
channel and by the data receiver channel.
Figure 50.
Data Line Controller Block Diagram
FIFO Implementation
The 16-Byte FIFO is based on a dual 8-Byte FIFOs managed using 2 pointers and four
flags indicating the status full and empty of each FIFO.
Pointers are not accessible to user but can be reset at any time by setting and clearing
DRPTR and DTPTR bits in MMCON0 register. Resetting the pointers is equivalent to
abort the writing or reading of data.
F1EI and F2EI flags in MMINT register signal when set that respectively FIFO1 and
FIFO2 are empty. F1FI and F2FI flags in MMINT register signal when set that respec-
tively FIFO1 and FIFO2 are full. These flags may generate an MMC interrupt request as
detailed in Section “Interrupt”.
Data Configuration
Before sending or receiving any data, the data line controller must be configured accord-
ing to the type of the data transfer considered. This is achieved using the Data Format
bit: DFMT in MMCON0 register. Clearing DFMT bit enables the data stream format
while setting DFMT bit enables the data block format. In data block format, user must
also configure the single or multi-block mode by clearing or setting the MBLOCK bit in
MMCON0 register and the block length using BLEN3:0 bits in MMCON1 according to
Table 54. Figure 51 summarizes the data modes configuration flows.
Table 54.
Block Length Programming
MCBI
MMINT.1
DATFS
MMSTA.3
CRC16S
MMSTA.4
F2FI
MMINT.3
F2EI
MMINT.1
DFMT
MMCON0.2
MBLOCK
MMCON0.3
DATDIR
MMCON1.3
Data Converter
// -> Serial
BLEN3:0
MMCON1.7:4
DATEN
MMCON1.2
DATA Line
Finished State Machine
Data Converter
Serial -> //
DTPTR
MMCON0.6
DRPTR
MMCON0.7
TX Pointer
RX Pointer
8-Byte
FIFO 1
8-Byte
FIFO 2
16-Byte FIFO
MMDAT
F1EI
MMINT.0
CRC16 and Format
Checker
F1FI
MMINT.2
EOFI
MMINT.4
CBUSY
MMSTA.5
CRC16
Generator
MDAT
BLEN3:0
Block Length (Byte)
BLEN = 0000 to 1011
Length = 2BLEN: 1 to 2048
> 1011
Reserved: do not program BLEN3:0 > 1011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com