Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 7Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 8Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 9Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 10Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 11Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 12Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 13Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 14Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
11
AT83SND2CMP3
7524B–MP3–05/06
F i gure 7 ). Va l ue of the fi l ter c o m ponent s are det ai l ed i n t he S e ct i on “D C
Characteristics”.
The VCO block is the Voltage Controlled Oscillator controlled by the voltage Vref pro-
duced by the charge pump. It generates a square wave signal: the PLL clock.
Figure 6. PLL Block Diagram and Symbol
Figure 7. PLL Filter Connection
PLL Programming
The PLL is programmed using the flow shown in Figure 8. The PLL clock frequency will
depend on MP3 decoder clock and audio interface clock frequencies.
Figure 8. PLL Programming Flow
PLLEN
PLLCON.1
N6:0
N divider
R divider
VCO
PLLclk
OSCclk
R
1
+
()
×
N1
+
-----------------------------------------------
=
OSC
CLOCK
PFLD
PLOCK
PLLCON.0
PFILT
CHP
Vref
Up
Down
R9:0
PLL
CLOCK
PLL Clock Symbol
PLL
Clock
VSS
FILT
R
C1
C2
VSS
PLL
Programming
Configure Dividers
N6:0 = xxxxxxb
R9:0 = xxxxxxxxxxb
Enable PLL
PLLRES = 0
PLLEN = 1
PLL Locked?
PLOCK = 1?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com