Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 74Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 75Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 76Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 77Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 78Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 79Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 80Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 81Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 97 page
background image
78
AT83SND2CMP3
7524B–MP3–05/06
Notes:
1. Typical values are obtained using V
DD= 3 V and TA= 25°C. They are not tested and
there is no guarantee on these values.
Table 58. Typical Reference Design AT83SND2CMP3 Power Consumption
IDD, IDL and IPD Test Conditions
Figure 76. IDD Test Condition, Active Mode
IDD
AT83SND2CMP3
Operating Current
X1 / X2 mode
7/ 11.5
9/ 14.5
10.5 / 18
mA
VDD < 3.3 V
12 MHz
16 MHz
20 MHz
IDL
AT83SND2CMP3
Idle Mode Current
X1 / X2 mode
6.3 / 9.1
7.4 / 11.3
8.5 / 14
mA
V
DD < 3.3 V
12 MHz
16 MHz
20 MHz
IPD
AT83SND2CMP3
Power-Down Mode Current
20
500
μAV
RET < VDD < 3.3 V
Table 57. Digital DC Characteristics
VDD = 2.7 to 3.3 V, TA = -40 to +85°C
Symbol
Parameter
Min
Typ(1)
Max
Units
Test Conditions
Player Mode
IDD
Test Conditions
Stop
10 mA
AT83SND2CMP3 at 16 MHz, X2 mode, VDD= 3 V
No song playing.
This consumption does not include AUDVBAT current.
Playing
37 mA
AT83SND2CMP3 at 16 MHz, X2 mode, V
DD= 3 V
MP3 Song with Fs= 44.1 KHz, at any bit rates (Variable Bit Rate)
This consumption does not include AUDVBAT current.
RST
TST
P0
All other pins are unconnected
VDD
VDD
VDD
IDD
VDD
PVDD
UVDD
AUDVDD
X2
Clock Signal
VSS
X1
(NC)
VSS
PVSS
UVSS
AUDVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com