Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 29Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 30Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 31Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 32Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 33Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 34Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 35Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 36Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
33
AT83SND2CMP3
7524B–MP3–05/06
Table 30.
Dac Control Register Register - DAC_CTRL (00h)
Reset Value = 00000000b
Table 31.
DAC Left Line In Gain Register - DAC_LLIG (01h)
Reset Value = 00000101b
76
54
32
10
ONPADRV
ONAUXIN
ONDACR
ONDACL
ONLNOR
ONLNOL
ONLNIR
ONLNIL
Bit
Number
Bit
Mnemonic
Description
7ONPADRV
Differential mono PA driver
Clear to power down. Set to power up.
6
ONAUXIN
Differential mono auxiliary input amplifier
Clear to power down. Set to power up.
5
ONDACR
Right channel DAC
Clear to power down. Set to power up.
4
ONDACL
Left channel DAC
Clear to power down. Set to power up.
3
ONLNOR
Right channel line out driver
Clear to power down. Set to power up.
2
ONLNOL
Left channel line out driver
Clear to power down. Set to power up.
1
ONLNIR
Right channel line in amplifier
Clear to power down. Set to power up.
0
ONLNIL
Left channel line in amplifier
Clear to power down. Set to power up.
76
54
32
10
-
-
-
LLIG4
LLIG3
LLIG2
LLIG1
LLIG0
Bit
Number
Bit
Mnemonic
Description
7:5
-
Not used
4:0
LLIG 4:0
Left channel line in analog gain selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com