Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 83Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 84Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 85Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 86Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 87Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 88Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 89Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 90Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 97 page
background image
87
AT83SND2CMP3
7524B–MP3–05/06
Audio DAC and PA Connection
Figure 88. DAC and PA Connection
Audio Dac and
PA Connection
AUDVREF
AUXP
PAINN
VSS
LPHN
LINEL
LINER
HSL
HSR
ESDVSS
INGND
CBP
HPN
PAINP
HPP
AUDVBAT
MONON
MONOP
AUXN
VDD
AUDVDD
AUDVCM
C4
mono input
(-)
3V from LDO
3V from LDO
3.2V
to
5.5V
Battery
Mono
Differential
Input
C7
8 Ohm
Loud Speaker
C11
32 Ohm
Headset
or Line Out
C8
C5
C6
C3
32 Ohm
32 Ohm
Stereo
Line Input
C1
C9
C16
C15
C12
R1
C10
R
L
mono input
(+)
HSVDD
C17
C18
C19
VSS
HSVSS
AUDVSS
ESDVSS
AUDVSS
AUDVSS
AUDVSS
AUDVSS
AUDVSS
AUDVSS
VSS
AUDVSS
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com