Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 36Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 37Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 38Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 39Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 40Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 41Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 42Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 43Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
40
AT83SND2CMP3
7524B–MP3–05/06
Table 44.
PA Operating Mode
Table 45.
PA Low Power Mode
Audio Supplies and
Start-up
In operating mode AUDVBAT (supply of the audio power amplifier) must be between 3V
and 5,5V.
AUDVDD, HSVDD and VDD must be inferior or equal to AUDVBAT.
A typical application is AUDVBAT connected to a battery and AUDVDD, HSVDD and
VDD supplied by regulators.
AUDVBAT must be present at the same time or before AUDVDD, HSVDD and VDD.
AUDRST must be active low (0) until the voltages are not etablished and reach the
proper values.
To avoid noise issues, it is recommended to use ceramic decoupling capacitors for each
supply closed to the package. The track of the supplies must be optimized to minimize
the resistance especially on AUDVBAT where all the current from the power amplifier
comes from.
Note:
Refer to the application diagram.
Audio DAC Start-up Sequence
In order to minimize any audio output noise during the start-up, the following sequence
should be applied.
Example of power-on: Path DAC
to Headset Output
•
Desassert the Reset: write 07h at address 10h.
•
All precharge and Master on: write FFh at address 0Ch.
•
Line Out On: write 30h at address 00h.
•
Delay 500 ms.
•
Precharge off: write 0Ch at address 01h.
•
Delay 1 ms.
•
Line Out on, DAC On: write 3Ch at address 00h.
Example of power-off: Path DAC
to Headset Output
•
DAC off: write 30h at address 00h.
•
Master off: write 00h at address 0Ch.
•
Delay 1 ms.
•
All off: write 00h at address 00h
APAON
APAPRECH
Operating Mode
0
0
Stand-By
0
1
Input Capacitors Precharge
1
0
Active Mode
1
1
Forbidden State
APALP
Power Mode
0
Low power mode
1
High power mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com