Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 22Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 23Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 24Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 25Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 26Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 27Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 28Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 29Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 97 page
background image
26
AT83SND2CMP3
7524B–MP3–05/06
DAC Register Tables
Table 20.
DAC Register Address
DAC Gain
The DAC implements severals gain control: line-in (Table 21.), master playback (), line-
out (Table 24.).
Address
Register
Name
Access
Reset state
00h
DAC_CTRL
Dac Control
Read/Write
00h
01h
DAC_LLIG
Dac Left Line in Gain
Read/Write
05h
02h
DAC_RLIG
Dac Right Line in Gain
Read/Write
05h
03h
DAC_LPMG
Dac Left Master Playback Gain
Read/Write
08h
04h
DAC_RPMG
Dac Right Master Playback Gain
Read/Write
08h
05h
DAC_LLOG
Dac Left Line Out Gain
Read/Write
00h
06h
DAC_RLOG
Dac Right Line Out Gain
Read/Write
00h
07h
DAC_OLC
Dac Output Level Control
Read/Write
22h
08h
DAC_MC
Dac Mixer Control
Read/Write
09h
09h
DAC_CSFC
Dac Clock and Sampling Frequency
Control
Read/Write
00h
0Ah
DAC_MISC
Dac Miscellaneous
Read/Write
00h
0Ch
DAC_PRECH
Dac Precharge Control
Read/Write
00h
0Dh
DAC_AUXG
Dac Auxilary input gain Control
Read/Write
05h
10h
DAC_RST
Dac Reset
Read/Write
00h
11h
PA_CRTL
Power Amplifier Control
Read/Write
00h
Table 21.
Line-in gain
LLIG 4:0
RLIG 4:0
Gain (dB)
00000
20
00001
12
00010
9
00011
6
00100
3
00101
0
00110
-3
00111
-6
01000
-9
01001
-12
01010
-15
01011
-18
01100
-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com