Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 50Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 51Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 52Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 53Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 54Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 55Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 56Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 57Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 97 page
background image
54
AT83SND2CMP3
7524B–MP3–05/06
Table 48.
Command Token Format
Response Token Format
There are five types of response tokens (R1 to R5). As shown in Figure 43, responses
have a code length of 48 bits or 136 bits. A response token is preceded by a Start bit: a
low level on MCMD line and succeeded by an End bit: a high level on MCMD line. The
command content is preceded by a Transmission bit: a low level on MCMD line for a
response token (card to host) and succeeded (R1,R2,R4,R5) or not (R3) by a 7 - bit
CRC.
Response content contains mirrored command and status information (R1 response),
CID register or CSD register (R2 response), OCR register (R3 response), or RCA regis-
ter (R4 and R5 response).
Figure 43.
Response Token Format
Table 49.
R1 Response Format (Normal Response)
Table 50.
R2 Response Format (CID and CSD registers)
Bit Position
47
46
45:40
39:8
7:1
0
Width (Bits)
116
32
7
1
Value
‘0’
‘1’
-
-
-
‘1’
Description
Start bit
Transmission
bit
Command
Index
Argument
CRC7
End bit
Bit Position
47
46
45:40
39:8
7:1
0
Width (bits)
11
6
32
7
1
Value
‘0’
‘0’
-
-
-
‘1’
Description
Start bit
Transmission
bit
Command
Index
Card Status
CRC7
End bit
Bit Position
135
134
[133:128]
[127:1]
0
Width (bits)
116
32
1
Value
‘0’
‘0’
‘111111’
-
‘1’
Description
Start bit
Transmission
bit
Reserved
Argument
End bit
0
Total Length = 48 bits
Content
CRC
0
1
R1, R4, R5
0
Total Length = 136 bits
Content = CID or CSD
CRC
0
1
R2
0
Total Length = 48 bits
Content
0
1
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com