Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 8Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 9Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 10Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 11Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 12Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 13Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 14Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 15Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
12
AT83SND2CMP3
7524B–MP3–05/06
MP3 Decoder
The product implements a MPEG I/II audio layer 3 decoder better known as MP3
decoder.
In MPEG I (ISO 11172-3) three layers of compression have been standardized support-
ing three sampling frequencies: 48, 44.1, and 32 kHz. Among these layers, layer 3
allows highest compression rate of about 12:1 while still maintaining CD audio quality.
For example, 3 minutes of CD audio (16-bit PCM, 44.1 kHz) data, which needs about
32M bytes of storage, can be encoded into only 2.7M bytes of MPEG I audio layer 3
data.
In MPEG II (ISO 13818-3), three additional sampling frequencies: 24, 22.05, and 16 kHz
are supported for low bit rates applications.
The AT83SND2CMP3 can decode in real-time the MPEG I audio layer 3 encoded data
into a PCM audio data, and also supports MPEG II audio layer 3 additional frequencies.
Additional features are supported by the AT83SND2CMP3 MP3 decoder such as vol-
ume control, bass, medium, and treble controls, bass boost effect and ancillary data
extraction.
Decoder
Description
The core interfaces to the MP3 decoder through nine special function registers:
MP3CON, the MP3 Control register; MP3STA, the MP3 Status register; MP3DAT, the
MP3 Data register; MP3ANC, the Ancillary Data register; MP3VOL and MP3VOR, the
MP3 Volume Left and Right Control registers; MP3BAS, MP3MED, and MP3TRE, the
MP3 Bass, Medium, and Treble Control registers; and MPCLK, the MP3 Clock Divider
register.
Figure 9 shows the MP3 decoder block diagram.
Figure 9. MP3 Decoder Block Diagram
MPEN
MP3CON.7
MP3
CLOCK
Audio Data
From C51
1K Bytes
8
MPxREQ
MP3STA1.n
Header Checker
Stereo Processor
Huffman Decoder
IMDCT
Side Information
ERRxxx
MP3STA.5:3
16
Sub-band
Synthesis
Decoded Data
To Audio Interface
Anti-Aliasing
MPFS1:0
MP3STA.2:1
Dequantizer
MPVER
MP3STA.0
MPBBST
MP3CON.6
MP3VOL
MP3VOR
MP3BAS
MP3MED
MP3TRE
Ancillary Buffer
MP3ANC
Frame Buffer
MP3DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com