Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 24Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 25Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 26Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 27Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 28Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 29Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 30Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 31Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
28
AT83SND2CMP3
7524B–MP3–05/06
011010
-27.0
011011
-28.5
011100
-30.0
011101
-31.5
011110
-33.0
011111
-34.5
100000
mute
Table 23.
Line-out Gain
LLOG 5:0
RLOG 5:0
Gain (dB)
000000
0.0
000001
-1.5
000010
-3.0
000011
-4.5
000100
-6.0
000101
-7.5
000110
-9.0
000111
-10.5
001000
-12.0
001001
-13.5
001010
-15.0
001011
-16.5
001100
-18.0
001101
-19.5
001110
-21.0
001111
-22.5
010000
-24.0
010001
-25.5
010010
-27.0
010011
-28.5
010100
-30.0
010101
-31.5
010110
-33.0
Table 22.
Master Playback Gain (Continued)
LMPG 5:0
RMPG 5:0
Gain (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com