Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 73Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 74Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 75Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 76Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 77Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 78Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 79Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 80Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 97 page
background image
77
AT83SND2CMP3
7524B–MP3–05/06
Electrical Characteristics
Absolute Maximum Rating
DC Characteristics
Digital Logic
Storage Temperature ......................................... -65 to +150
°C
Voltage on any other Pin to VSS .................................... -0.3 to +4.0 V
I
OL per I/O Pin ................................................................. 5 mA
Power Dissipation ............................................................. 1 W
Operating Conditions
Ambient Temperature Under Bias........................ -40 to +85
°C
V
DD ......................................................................................................... 2.7 to 3.3V
*NOTICE:
Stressing the device beyond the “Absolute Maxi-
mum Ratings” may cause permanent damage.
These are stress ratings only. Operation beyond
the “operating conditions” is not recommended
and extended exposure beyond the “Operating
Conditions” may affect device reliability.
Table 57. Digital DC Characteristics
VDD = 2.7 to 3.3 V, TA = -40 to +85°C
Symbol
Parameter
Min
Typ(1)
Max
Units
Test Conditions
VIL
Input Low Voltage
-0.5
0.2·VDD -0.1
V
VIH1
(2)
Input High Voltage (except RST, X1)
0.2·VDD +1.1
VDD
V
VIH2
Input High Voltage (RST, X1)
0.7·VDD
VDD +0.5
V
VOL1
Output Low Voltage
(except P0, MCMD, MDAT, MCLK,
SCLK, DCLK, DSEL, DOUT)
0.45
V
IOL= 1.6 mA
VOL2
Output Low Voltage
(P0, MCMD, MDAT, MCLK, SCLK,
DCLK, DSEL, DOUT)
0.45
V
IOL= 3.2 mA
VOH1
Output High Voltage
(P1, P2, P3, P4 and P5)
VDD -0.7
V
IOH= -30 μA
VOH2
Output High Voltage
(P0, P2 address mode, MCMD, MDAT,
MCLK, SCLK, DCLK, DSEL, DOUT, D+,
D-)
VDD -0.7
V
IOH= -3.2 mA
I
IL
Logical 0 Input Current (P1, P2, P3, P4
and P5)
-50
μAV
IN= 0.45 V
ILI
Input Leakage Current (P0, MCMD,
MDAT, MCLK, SCLK, DCLK, DSEL,
DOUT)
10
μA
0.45< VIN< VDD
I
TL
Logical 1 to 0 Transition Current
(P1, P2, P3, P4 and P5)
-650
μAV
IN= 2.0 V
RRST
Pull-Down Resistor
50
90
200
k
Ω
CIO
Pin Capacitance
10
pF
TA= 25°C
VRET
VDD Data Retention Limit
1.8
V
IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com