Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 34Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 35Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 36Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 37Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 38Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 39Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 40Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 41Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 97 page
background image
38
AT83SND2CMP3
7524B–MP3–05/06
Table 42.
DAC Auxilary input gain Register - DAC_ AUXG (0Dh)l
Reset Value = 0000101b
DAC Reset Register - DAC_ RST (10h)
Reset Value = 00000000b
Note:
Refer to Audio DAC Startup sequence.
76
543
21
0
-
-
-
AUXG4
AUXG3
AUXG2
AUXG1
AUXG0
Bit
Number
Bit
Mnemonic
Description
7:5
-
Not used
4:0
AUXG 4:0
Differential mono auxiliary input analog gain selector
76
543
21
0
-
-
-
-
-
RESMASK
RESFILZ
RSTZ
Bit
Number
Bit
Mnemonic
Description
7:3
-
Not Used.
2
RESMASK
Active high reset mask of the audio codec
1
RESFILZ
Active low reset of the audio codec filter
0RSTZ
Active low reset of the audio codec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com