Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 14Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 15Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 16Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 17Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 18Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 19Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 20Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 21Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 97 page
background image
18
AT83SND2CMP3
7524B–MP3–05/06
Figure 16. Audio Output Format
The data converter receives its audio stream from 2 sources selected by the SRC bit in
AUDCON1 register. When cleared, the audio stream comes from the MP3 decoder (see
Section “MP3 Decoder”, page 12) for song playing. When set, the audio stream is com-
ing from the C51 core for voice or sound playing.
As soon as first audio data is input to the data converter, it enables the clock generator
for generating the bit and word clocks.
Audio Buffer
In voice or sound playing mode, the audio stream comes from the C51 core through an
audio buffer. The data is in 8-bit format and is sampled at 8 kHz. The audio buffer
adapts the sample format and rate. The sample format is extended to 16 bits by filling
the LSB to 00h. Rate is adapted to the DAC rate by duplicating the data using DUP1:0
bits in AUDCON1 register according to Table 18.
The audio buffer interfaces to the C51 core through three flags: the sample request flag
(SREQ in AUDSTA register), the under-run flag (UNDR in AUDSTA register) and the
busy flag (AUBUSY in AUDSTA register). SREQ and UNDR can generate an interrupt
request as explained in Section "Interrupt Request", page 19. The buffer size is 8 Bytes
large. SREQ is set when the samples number switches from 4 to 3 and reset when the
samples number switches from 4 to 5; UNDR is set when the buffer becomes empty sig-
naling that the audio interface ran out of samples; and AUBUSY is set when the buffer is
full.
DSEL
DCLK
DOUT
MSB
I2S Format with DSIZ = 0 and JUST4:0 = 00001.
LSB
B14
MSB
LSB
B14
B1
B1
DSEL
DCLK
DOUT
MSB
I
2S Format with DSIZ = 1 and JUST4:0 = 00001.
LSB
B14
MSB
LSB
B14
1
2
3
1314
1516
1
2
3
1314
1516
Left Channel
Right Channel
12
3
17
18
32
12
3
17
18
32
DSEL
DCLK
DOUT
B14
MSB/LSB Justified Format with DSIZ = 0 and JUST4:0 = 00000.
MSB
B1
B15
MSB
B1
LSB
LSB
1
2
3
1314
1516
1
2
3
1314
1516
Left Channel
Right Channel
Left Channel
Right Channel
DSEL
DCLK
DOUT
16-bit LSB Justified Format with DSIZ = 1 and JUST4:0 = 10000.
116
18
32
32
Left Channel
Right Channel
17
31
MSB B14
LSB
B1
MSB B14
LSB
B1
116
18
17
31
DSEL
DCLK
DOUT
18-bit LSB Justified Format with DSIZ = 1 and JUST4:0 = 01110.
115
30
32
Left Channel
Right Channel
16
31
MSB B16
B2
1
B1
LSB
MSB B16
B2
B1
LSB
15
30
32
16
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com