Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 30Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 31Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 32Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 33Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 34Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 35Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 36Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 37Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 97 page
background image
34
AT83SND2CMP3
7524B–MP3–05/06
Table 32.
DAC Right Line In Gain Register - DAC_RLIG (02h)
Reset Value = 0000101b
Table 33.
DAC Left Master Playback Gain Register - DAC_LMPG (03h)
Reset Value = 00001000b
Table 34.
DAC Right Master Playback Gain Register - DAC_RMPG (04h)
Reset Value = 00001000b
Table 35.
DAC Left Line Out Gain Register - DAC_LLOG (05h)
Reset Value = 00000000b
76
54
32
10
-
-
-
RLIG4
RLIG3
RLIG2
RLIG1
RLIG0
Bit
Number
Bit Mnemonic
Description
7:5
-
Not used
4:0
RLIG 4:0
Right channel line in analog gain selector
76
54
32
10
-
-
LMPG5
LMPG4
LMPG3
LMPG2
LMPG1
LMPG0
Bit
Number
Bit
Mnemonic
Description
7:6
-
Not used
5:0
LMPG 5:0
Left channel master playback digital gain selector
76
54
32
10
-
-
RMPG5
RMPG4
RMPG3
RMPG2
RMPG1
RMPG0
Bit
Number
Bit
Mnemonic
Description
7:6
-
Not used
5:0
RMPG 5:0
Right channel master playback digital gain selector
76
54
32
10
--
LLOG5
LLOG4
LLOG3
LLOG2
LLOG1
LLOG0
Bit
Number
Bit
Mnemonic
Description
7:6
-
Not used
5:0
LLOG 5:0
Left channel line out digital gain selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com