Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 19Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 20Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 21Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 22Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 23Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 24Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 25Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 26Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
23
AT83SND2CMP3
7524B–MP3–05/06
Figure 21. 20 bit I2S justified mode
Figure 22. 20 bit MSB justified mode
Figure 23. 20 bit LSB justified mode
The selection between modes is done using the DINTSEL 1:0 in DAC_MISC register
(Table 40.) according with the following table:
The data interface always works in slave mode. This means that the DSEL and the
DCLK signals are provided by microcontroller audio data interface.
Serial Audio DAC Interface
The serial audio DAC interface is a Synchronous Peripheral Interface (SPI) in slave
mode:
•
AUDCDIN: is used to transfer data in series from the master to the slave DAC.
It is driven by the master.
•
AUDCDOUT: is used to transfer data in series from the slave DAC to the master.
It is driven by the selected slave DAC.
•
Serial Clock (AUDCCLK): it is used to synchronize the data transmission both in
and out the devices through the AUDCDIN and AUDCDOUT lines.
Note:
Refer to Table 29. for DAC SPI Interface Description
R1
R0
L(N-1)
L(N-2)
L(N-3)
...
L2
L1
L0
R(N-1)
R(N-2)
R(N-3)
...
R2
R1
R0
SCLK
DSEL
DOUT
R0
L(N-1)
L(N-2)
L(N-3)
...
L2
L1
L0
R(N-1)
R(N-2)
R(N-3)
...
R2
R1
R0
L(N-1)
SCLK
DSEL
DOUT
R0
L(N-1)
L(N-2)
...
L1
L0
R(N-1)
R(N-2)
...
R1
R0
L(N-1)
SCLK
DSEL
DOUT
DINTSEL 1:0
Format
00
I2S Justified
01
MSB Justified
1x
LSB Justified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com