Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 81Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 82Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 83Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 84Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 85Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 86Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 87Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 88Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 97 page
background image
85
AT83SND2CMP3
7524B–MP3–05/06
DIGITAL FILTER PERFORMANCE
Frequency response (10 Hz to 20 kHz)
+/- 0.1
dB
Deviation from linear phase (10 Hz to 20 kHz)
+/- 0.1
deg
Passband 0.1 dB corner
0.4535
Fs
Stopband
0.5465
Fs
Stopband Attenuation
65
dB
DE-EMPHASIS FILTER PERFORMANCE (for 44.1kHz Fs)
Frequency
Gain
Margin
Pass band
Transition band
Stop Band
0Hz to 3180Hz
3180Hz to 10600Hz
10600Hz to 20kHz
-1dB
Logarithm
decay
-10.45dB
1dB
1dB
1dB
Power Performance
Current consumption from Audio Analog supply AVDD,
HSVDD in power on
9.5
mA
Current consumption from Audio Analog supply AVDD,
HSVDD in power down
10
μA
Power on Settling Time
- From full Power Down to Full Power Up (AUDVREF and
AUDVCM decoupling capacitors charge)
- Linein amplifier (Line-in coupling capacitors charge)
- Driver amplifier (out driver DC blocking capacitors
charge)
500
50
500
ms
ms
ms
OVERALL
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com