Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 84 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 80Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 81Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 82Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 83Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 84Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 85Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 86Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 87Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 97 page
background image
84
AT83SND2CMP3
7524B–MP3–05/06
Input level for full scale output - 0dBFS Level
@ AUDVDD, HSVDD = 2.8 V and 0 dB gain
@ AUDVDD, HSVDD = 2.8 V and 20 dB gain
1.65
583
0.165
58.3
Vpp
mVrms
Vpp
mVrms
Input common mode voltage
0.5xAUDVD
D
V
Input impedance
7
10
kOhm
Signal to Noise Ratio
-1 dBFS @ 1kHz input and 0 dB gain
-21 dBFS @ 1kHz input and 20 dB gain
81
85
71
dB
Dynamic Range (extrapolated to full scale level)
-60 dBFS @ 1kHz input and 0 dB gain
-60 dBFS @ 1kHz input and 20 dB gain
82
86
72
dB
Total Harmonic Distortion
–1dBFS @ 1kHz input and 0 dB gain
–1dBFS @ 1kHz input and 20 dB gain
-80
-75
-76
-68
dB
Interchannel mismatch
0.1
1
dB
Left-channel to right-channel crosstalk (@ 1kHz)
-90
-80
dB
ANALOG PERFORMANCE – Differential mono input amplifier
Differential input level for full scale output - 0dBFS Level
@ AUDVDD, HSVDD = 2.8 V and 0 dB gain
1.65
583
Vppdif
mVrms
Input common mode voltage
0.5xAUDVD
D
V
Input impedance
7
10
kOhm
Signal to Noise Ratio (-1 dBFS @ 1kHz input and 0 dB
gain)
76
80
dB
Total Harmonic Distortion (–1dBFS @ 1kHz input and 0 dB
gain)
-85
-81
dB
ANALOG PERFORMANCE – PA Driver
Differential output level for full scale input (for AUDVDD,
HSVDD = 3 V)
3.3
Vppdif
Output common mode voltage
0.5xHSVDD
V
Output load
10
30
kOhm
pF
Signal to Noise Ratio (–1dBFS @ 1kHz input and 0dB
Gain)
76
80
dB
Total Harmonic Distortion (–1dBFS @ 1kHz input and 0dB
Gain)
-75
-71
dB
MASTER CLOCK
Master clock Maximum Long Term Jitter
1.5
ns
pp
OVERALL
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com