Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 78Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 79Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 80Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 81Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 82Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 83Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 84Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 85Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 97 page
background image
82
AT83SND2CMP3
7524B–MP3–05/06
Figure 84. Dissipated Power vs Output Power, AUDVBAT = 3.2V
DAC
AUDVDD, HSVDD = 2.8 V, Ta=25°C, typical case, unless otherwise noted
All noise and distortion specifications are measured in the 20 Hz to 0.425xFs and A-
weighted filtered.
Full Scale levels scale proportionally with the analog supply voltage.
Figure 85. Audio DAC Specification
200
250
300
350
400
450
500
550
600
3,2
3,4
3,6
3,8
4
4,2
Supply Voltage AUDVBAT [V]
8 Ohms load
6.5 Ohms load
0
50
100
150
200
250
300
350
400
450
500
550
600
0
100
200
300
400
500
600
700
800
Output Power [mW]
8 Ohms load
6.5 Ohms load
OVERALL
MIN
TYP
MAX
UNITS
Operating Temperature
-40
+25
+125
°C
Analog Supply Voltage (AUDVDD, HSVDD)2.7
2.8
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com