Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 49Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 50Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 51Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 52Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 53Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 54Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 55Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 56Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 97 page
background image
53
AT83SND2CMP3
7524B–MP3–05/06
Figure 38.
(Multiple) Block Read Operation
As shown in Figure 39 and Figure 40 the data write operation uses a simple busy signal-
ling of the write operation duration on the data line (MDAT).
Figure 39.
Sequential Write Operation
Figure 40.
Multiple Block Write Operation
Figure 41.
No Response and No Data Operation
Command Token Format
As shown in Figure 42, commands have a fixed code length of 48 bits. Each command
token is preceded by a Start bit: a low level on MCMD line and succeeded by an End bit:
a high level on MCMD line. The command content is preceded by a Transmission bit: a
high level on MCMD line for a command token (host to card) and succeeded by a 7 - bit
CRC so that transmission errors can be detected and the operation may be repeated.
Command content contains the command index and address information or parameters.
Figure 42.
Command Token Format
Data Block
MCMD
MDAT
Data Stop Operation
Block Read Operation
CRC
Multiple Block Read Operation
Command
Response
Command
Response
Data Block CRC Data Block CRC
Stop Command
Data Stream
MCMD
MDAT
Data Stop Operation
Data Transfer Operation
Command
Response
Command
Response
Stop Command
Busy
MCMD
MDAT
Data Stop Operation
Block Write Operation
Multiple Block Write Operation
Busy
Data Block CRC
Data Block CRC
Command
Response
Command
Response
Stop Command
Status
Busy
Status
Command
MCMD
MDAT
No Data Operation
No Response Operation
Command
Response
0
Total Length = 48 bits
Content
CRC
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com