Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 28Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 29Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 30Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 31Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 32Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 33Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 34Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 35Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
32
AT83SND2CMP3
7524B–MP3–05/06
Register
Table 29.
AUXCON Register
AUXCON (S:90h) – Auxiliary Control Register
Reset Value = 1111 1111b
76
5
4
3
2
1
0
SDA
SCL
-
AUDCDOUT
AUDCDIN
AUDCCLK
AUDCCS
KIN0
Bit
Number
Bit
Mnemonic
Description
7SDA
TWI Serial Data
SDA is the bidirectional Two Wire data line.
6SCL
TWI Serial Clock
When TWI controller is in master mode, SCL outputs the serial clock to the
slave peripherals. When TWI controller is in slave mode, SCL receives clock
from the master controller.
5
-
Not used.
4
AUDCDOUT
Audio Dac SPI Data Output.
3
AUDCDIN
Audio Dac SPI Data Input
2
AUDCCLK
Audio Dac SPI clock
1
AUDCCS
Audio Dac Chip select
Set to deselect DAC
Clear to select DAC
0KIN0
Keyboard Input Interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com