Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 77Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 78Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 79Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 80Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 81Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 82Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 83Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 84Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 97 page
background image
81
AT83SND2CMP3
7524B–MP3–05/06
DAC and PA
Electrical Specifications
PA
AUDVBAT = 3.6V, TA = 25°C unless otherwise noted.
High power mode, 100nF capacitor connected between CBP and AUDVSS, 470nF input
capacitors, Load = 8 ohms.
Figure 82. PA Specification
Figure 83. Maximum Dissipated Power Versus Power Supply
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
AUDVBAT
Supply Voltage
3.2
-
5.5
V
I
DD
Quiescent Current
Inputs shorted, no load
-
6
8
mA
I
DDstby
Standby Current
Capacitance
-
-
2
μA
V
CBP
DC Reference
-
AUDVBAT/2
-
V
VOS
Output differential offset
full gain
-20
0
20
mV
Z
IN
Input impedance
Active state
12K
20k
30k
W
Z
LFP
Output load
Full Power mode
6
8
32
W
Z
LLP
Output load
Low-Power mode
100
150
300
W
C
L
Capacitive load
-
-
100
pF
PSRR
Power supply rejection ratio
200 – 2kHz
Differential output
-60
-
dB
BW
Output Frequency bandwidth
1KHz reference frequency
3dB attenuation.
470nF input coupling capacitors
50
-
20000
Hz
t
UP
Output setup time
Off to on mode. Voltage already settled.
Input capacitors precharged
--
10
ms
V
N
Output noise
Max gain, A weighted
-
120
500
µV
RMS
THDHP
Output distortion
High power mode, V
DD = 3.2V, 1KHz,
Pout=100mW, gain=0dB
-50
-
dB
THDLP
Output distortion
Low power mode, VDD = 3.2V , 1KHz,
Vout= 100mVpp, Max gain, load 8 ohms in
serie with 200 ohms
-1
-
%
G
ACC
Overall Gain accuracy
-2
0
2
dB
G
STEP
Gain Step Accuracy
-0.7
0
0.7
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com