Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 10Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 11Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 12Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 13Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 14Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 15Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 16Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 17Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 97 page
background image
14
AT83SND2CMP3
7524B–MP3–05/06
Audio Controls
Volume Control
The MP3 decoder implements volume control on both right and left channels. The
MP3VOR and MP3VOL registers allow a 32-step volume control according to Table 15.
Table 15. Volume Control
Equalization Control
Sound can be adjusted using a 3-band equalizer: a bass band under 750 Hz, a medium
band from 750 Hz to 3300 Hz and a treble band over 3300 Hz. The MP3BAS, MP3MED,
and MP3TRE registers allow a 32-step gain control in each band according to Table 16.
Table 16. Bass, Medium, Treble Control
VOL4:0 or VOR4:0
Volume Gain (dB)
00000
Mute
00001
-33
00010
-27
11110
-1.5
11111
0
BAS4:0 or MED4:0 or TRE4:0
Gain (dB)
00000
-
∞
00001
-14
00010
-10
11110
+1
11111
+1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com