Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 15Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 16Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 17Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 18Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 19Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 20Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 21Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 22Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 97 page
background image
19
AT83SND2CMP3
7524B–MP3–05/06
Table 18. Sample Duplication Factor
MP3 Buffer
In song playing mode, the audio stream comes from the MP3 decoder through a buffer.
The MP3 buffer is used to store the decoded MP3 data and interfaces to the decoder
through a 16-bit data input and data request signal. This signal asks for data when the
buffer has enough space to receive new data. Data request is conditioned by the
DREQEN bit in AUDCON1 register. When set, the buffer requests data to the MP3
decoder. When cleared no more data is requested but data are output until the buffer is
empty. This bit can be used to suspend the audio generation (pause mode).
Interrupt Request
The audio interrupt request can be generated by 2 sources when in C51 audio mode: a
sample request when SREQ flag in AUDSTA register is set to logic 1, and an under-run
condition when UDRN flag in AUDSTA register is set to logic 1. Both sources can be
enabled separately by masking one of them using the MSREQ and MUDRN bits in
AUDCON1 register. A global enable of the audio interface is provided by setting the
EAUD bit in IEN0 register.
The interrupt is requested each time one of the 2 sources is set to one. The source flags
are cleared by writing some data in the audio buffer through AUDDAT, but the global
audio interrupt flag is cleared by hardware when the interrupt service routine is
executed.
Figure 17. Audio Interface Interrupt System
MP3 Song Playing
In MP3 song playing mode, the operations to do are to configure the PLL and the audio
interface according to the DAC selected. The audio clock is programmed to generate
the 256·Fs or 384·Fs as explained in Section "Clock Generator", page 17. Figure 18
shows the configuration flow of the audio interface when in MP3 song mode.
DUP1
DUP0
Factor
0
0
No sample duplication, DAC rate = 8 kHz (C51 rate).
0
1
One sample duplication, DAC rate = 16 kHz (2 x C51 rate).
1
0
2 samples duplication, DAC rate = 32 kHz (4 x C51 rate).
1
1
Three samples duplication, DAC rate = 48 kHz (6 x C51 rate).
SREQ
AUDSTA.7
Audio
Interrupt
Request
UDRN
AUDSTA.6
MSREQ
AUDCON1.5
EAUD
IEN0.6
MUDRN
AUDCON1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com