Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 35Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 36Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 37Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 38Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 39Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 40Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 41Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 42Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
39
AT83SND2CMP3
7524B–MP3–05/06
Power Amplifier
High quality mono output is provided. The DAC output is connected through a buffer
stage to the input of the Audio Power Amplifier, using two coupling capacitors The
mono buffer stage also includes a mixer of the LINEL and LINER inputs as well as a dif-
ferential monaural auxiliary input (line level) which can be, for example, the output of a
voice CODEC output driver in mobile phones.
In the full power mode, the Power Amplifier is capable of driving an 8
Ω Loudspeaker at
maximum power of 440mW, making it suitable as a handsfree speaker driver in Wire-
less Handset Application.
The Low Power Mode is designed to be switched from the handsfree mode to the nor-
mal earphone/speaker mode of a telephone handset.
The audio power amplifier is not internally protected against short-circuit. The user
should avoid any short-circuit on the load.
PA Features
• 0.44W on 8
Ω Load
• Low Power Mode for Earphone
• Programmable Gain (-22 to +20 dB)
• Fully Differential Structure, Input and Output
Table 43.
PA Gain
APAGAIN 3:0
Gain (db)
0000
-22
0001
20
0010
17
0011
14
0100
11
0101
8
0110
5
0111
2
1000
-1
1001
-4
1010
-7
1011
-10
1100
-13
1101
-16
1110
-19
1111
-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com