Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 11Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 12Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 13Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 14Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 15Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 16Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 17Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 18Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 97 page
background image
15
AT83SND2CMP3
7524B–MP3–05/06
Frame Information
The MP3 frame header contains information on the audio data contained in the frame.
These informations is made available in the MP3STA register for you information.
MPVER and MPFS1:0 bits allow decoding of the sampling frequency according to
Table 17. MPVER bit gives the MPEG version (2 or 1).
Table 17. MP3 Frame Frequency Sampling
Ancillary Data
MP3 frames also contain data bits called ancillary data. These data are made available
in the MP3ANC register for each frame. As shown in Figure 12, the ancillary data are
available by Bytes when MPANC flag in MP3STA register is set. MPANC flag is set
when the ancillary buffer is not empty (at least one ancillary data is available) and is
cleared only when there is no more ancillary data in the buffer. This flag can generate an
interrupt as explained in Section “Interrupt”. When set, software must read all Bytes to
empty the ancillary buffer.
Figure 12. Ancillary Data Block Diagram
MPVER
MPFS1
MPFS0
Fs (kHz)
0
0
0
22.05 (MPEG II)
0
0
1
24 (MPEG II)
0
1
0
16 (MPEG II)
011
Reserved
1
0
0
44.1 (MPEG I)
101
48 (MPEG I)
110
32 (MPEG I)
111
Reserved
Ancillary
Data To C51
8
MP3ANC
8
MPANC
MP3STA.7
7-Byte
Ancillary Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com