Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 37Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 38Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 39Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 40Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 41Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 42Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 43Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 44Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
41
AT83SND2CMP3
7524B–MP3–05/06
Example Start I2S
•Start DCLK.
•
RSTMASK=1.
•
RESFILZ=0 and RSTZ=0.
•
RESFILZ=1 and RSTZ=1.
•
RSTMASK=0.
•
Delay 5 ms.
•
ONDACL=1 and ONDACR=1.
•
Program all DAC settings: audio format, gains...
Example Stop I2S:
•
DAC off: ONDACL=0 and ONDACR=0.
•
Stop I2S and DLCK.
Audio PA Sequence
PA Power-On Sequence
To avoid an audible ‘click’ at start-up, the input capacitors have to be pre-charged
before the Power Amplifier.
PA Power-Off Sequence
To avoid an audible ‘click’ at power-off, the gain should be set to the minimum gain (-
22dB) before setting the Power Amplifier.
Precharge Control
The power up of the circuit can be performed independently for several blocks. The
sequence flow starts by setting to High the block specific fastcharge control bit and sub-
sequently the associated power control bit. Once the power control bit is set to High, the
fast charging starts. This action begins a user controlled fastcharge cycle. When the
fastcharge period is over, the user must reset the associated fastcharge bit and the
block is ready for use. If a power control bit is cleared a new power up sequence is
needed.
The several blocks with independent power control are identified in Table 46. The table
describes the power on control and fastcharge bits for each block.
Table 46.
Precharge and Power Control
Note:
Note that all block can be precharged simultaneously.
Powered up block
Power on control bit
Precharge Control Bit
Vref & Vcm generator
ONMSTR
PRCHARGE
(reg 12; bit 1)
Left line in amplifier
ONLNIL
PRCHARGELNIL
Right line in amplifier
ONLNIR
PRCHARGELNIR
Left line out amplifier
ONLNOL
PRCHARGELNOL
Right line out amplifier
ONLNOR
PRCHARGELNOR
Left D-to-A converter
ONDACL
Not needed
Right D-to-A converter
ONDACR
Not needed
Auxiliary input amplifier
ONAUXIN
PRCHARGEAUXIN
PA Driver output
ONPADRV
PRCHARGEPADRV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com