Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 51Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 52Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 53Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 54Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 55Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 56Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 57Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 58Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 97 page
background image
55
AT83SND2CMP3
7524B–MP3–05/06
Table 51.
R3 Response Format (OCR Register)
Table 52.
R4 Response Format (Fast I/O)
Table 53.
R5 Response Format
Data Packet Format
There are 2 types of data packets: stream and block. As shown in Figure 44, stream
data packets have an indeterminate length while block packets have a fixed length
depending on the block length. Each data packet is preceded by a Start bit: a low level
on MCMD line and succeeded by an End bit: a high level on MCMD line. Due to the fact
that there is no predefined end in stream packets, CRC protection is not included in this
case. The CRC protection algorithm for block data is a 16-bit CCITT polynomial.
Figure 44.
Data Token Format
Clock Control
The MMC bus clock signal can be used by the host to turn the cards into energy saving
mode or to control the data flow (to avoid under-run or over-run conditions) on the bus.
The host is allowed to lower the clock frequency or shut it down.
There are a few restrictions the host must follow:
•
The bus frequency can be changed at any time (under the restrictions of maximum
data transfer frequency, defined by the cards, and the identification frequency
defined by the specification document).
•
It is an obvious requirement that the clock must be running for the card to output
data or response tokens. After the last MultiMedia Card bus transaction, the host is
Bit Position
47
46
[45:40]
[39:8]
[7:1]
0
Width (bits)
11
6
32
7
1
Value
‘0’
‘0’
‘111111’
-
‘1111111’
‘1’
Description
Start bit
Transmission
bit
Reserved
OCR
register
Reserved
End bit
Bit Position
47
46
[45:40]
[39:8]
[7:1]
0
Width (bits)
11
6
32
7
1
Value
‘0’
‘0’
‘100111’
-
-
‘1’
Description
Start bit
Transmission
bit
Command
Index
Argument
CRC7
End bit
Bit Position
47
46
[45:40]
[39:8]
[7:1]
0
Width (bits)
11
6
32
7
1
Value
‘0’
‘0’
‘101000’
-
-
‘1’
Description
Start bit
Transmission
bit
Command
Index
Argument
CRC7
End bit
0
Content
1
Sequential Data
CRC
Block Data
0
Content
1
Block Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com