Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 26Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 27Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 28Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 29Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 30Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 31Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 32Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 33Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
30
AT83SND2CMP3
7524B–MP3–05/06
Note:
Refer to DAC_MC register Table 38. for signal description
Master Clock and Sampling
Frequency Selection
The following table describes the different modes available for master clock and sam-
pling frequency selection by setting OVRSEL bit in DAC_CSFC register (refer to Table
39.).
Table 25.
Master Clock selection
The selection of input sample size is done using the NBITS 1:0 in DAC_MISC register
(refer to Table 40.) according to Table 26.
Table 26.
Input Sample Size Selection
The selection between modes is done using DINTSEL 1:0 in DAC_MISC register (refer
to Table 40.) according to Table 27.
Table 27.
Format Selection
De-emphasis and dither
enable
The circuit features a de-emphasis filter for the playback channel. To enable the de-
emphasis filtering, DEEMPEN must be set to high.
Likewise, the dither option (added in the playback channel) is enabled by setting the
DITHEN signal to High.
Signal
Description
LMSMIN1
Left Channel Mono/Stereo Mixer Left Mixed input enable – High to enable, Low to disable
LMSMIN2
Left Channel Mono/Stereo Mixer Right Mixed input enable – High to enable, Low to
disable
RMSMIN1
Right Channel Mono/Stereo Mixer Left Mixed input enable – High to enable, Low to
disable
RMSMIN2
Right Channel Mono/Stereo Mixer Right Mixed input enable – High to enable, Low to
disable
OVRSEL
Master Clock
0256 x FS
1384 x FS
NBITS 1:0
Format
00
16 bits
01
18 bits
10
20 bits
DINTSEL 1:0
Format
00
I2S Justified
01
MSB Justified
1x
LSB Justified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com