Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 31Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 32Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 33Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 34Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 35Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 36Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 37Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 38Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 97 page
background image
35
AT83SND2CMP3
7524B–MP3–05/06
Table 36.
DAC Rigth Line Out Gain Register - DAC_RLOG (06h)
Reset Value = 00000000b
Table 37.
DAC Output Level Control Register - DAC_OLC (07h)
Reset Value = 00100010b
76
54
32
10
-
-
RLOG5
RLOG4
RLOG3
RLOG2
RLOG1
RLOG0
Bit
Number
Bit
Mnemonic
Description
7:6
-
Not used
5:0
RLOG 5:0
Right channel line out digital gain selector
76
54
32
10
RSHORT
ROLC2
RLOC1
RLOC0
LSHORT
LOLC2
LOLC1
LOLC0
Bit
Number
Bit
Mnemonic
Description
7RSHORT
Right channel short circuit indicator (persistent; after being set, bit is not
cleared automatically even after the short circuit is eliminated; must be
cleared by reset cycle or direct register write operation)
6:4
ROLC 2:0
Right channel output level control selector
3LSHORT
Left channel short circuit indicator (persistent; after being set, bit is not
cleared automatically even after the short circuit is eliminated; must be
cleared by reset cycle or direct register write operation)
2:0
LOLC 2:0
Left channel output level control selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com