Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 21Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 22Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 23Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 24Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 25Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 26Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 27Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 28Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
25
AT83SND2CMP3
7524B–MP3–05/06
CLK. Falling edge latches AUDCDIN input and rising edge shifts AUDCDOUT output
bits.
Note that the DLCK must run during any DAC SPI interface access (read or write).
Figure 26. DAC SPI Interface Timings
Table 19. Dac SPI Interface Timings
Thsdi
Tssen
Tc
Twl
Twh
Thsen
Tssdi
AUDCDOUT
AUDCDIN
AUDCCLK
Tdsdo
Thsdo
AUDCCS
Timing parameter
Description
Min
Max
Tc
AUDCCLK min period
150 ns
-
Twl
AUDCCLK min pulse width low
50 ns
-
Twh
AUDCCLK min pulse width high
50 ns
-
Tssen
Setup time AUDCCS falling to AUDCCLK rising
50 ns
-
Thsen
Hold time AUDCCLK falling to AUDCCS rising
50 ns
-
Tssdi
Setup time AUDCDIN valid to AUDCCLK falling
20 ns
-
Thsdi
Hold time AUDCCLK falling to AUDCDIN not valid
20 ns
-
Tdsdo
Delay time AUDCCLK rising to AUDCDOUT valid
-
20 ns
Thsdo
Hold time AUDCCLK rising to AUDCDOUT not valid
0 ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com